Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP650LE Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650LE
Description  0.65 WXGA DMD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650LE Datasheet(HTML) 1 Page - Texas Instruments

  DLP650LE Datasheet HTML 1Page - Texas Instruments DLP650LE Datasheet HTML 2Page - Texas Instruments DLP650LE Datasheet HTML 3Page - Texas Instruments DLP650LE Datasheet HTML 4Page - Texas Instruments DLP650LE Datasheet HTML 5Page - Texas Instruments DLP650LE Datasheet HTML 6Page - Texas Instruments DLP650LE Datasheet HTML 7Page - Texas Instruments DLP650LE Datasheet HTML 8Page - Texas Instruments DLP650LE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
VOFFSET
DLP650LE
DMD
DLPA200
MBRST (15:0)
DLPC4422
ASIC
DAD control
12 V
SCP control
DMD RSTZ
Control Signals
DLPA100
Colorwheel Motor Control
ASIC Power
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DLP650LE
DLPS095 – NOVEMBER 2017
DLP650LE 0.65 WXGA DMD
1
1 Features
1
•
0.65-Inch Diagonal Micromirror Array
–
WXGA (1280 × 800) Array with >1 Million
Micromirrors
–
10.8 µm Micromirror Pitch
–
±12° Micromirror Tilt Angle (Relative to Flat
State)
–
Designed for Corner Illumination
•
2 × LVDS Input Data Bus
•
Dedicated DLPC4422 Display Controller and
DLPA100 Power Management Device and Motor
Driver for Reliable Operation
•
DLPA200 Micromirror Driver
2 Applications
•
Smart Lighting
•
Business Projector
•
Education Projector
3 Description
The TI DLP650LE digital micromirror device (DMD) is
a digitally controlled micro-electro-mechanical system
(MEMS) spatial light modulator (SLM) that enables
bright,
affordable
WXGA
display
solutions.
The
DLP650LE
DMD,
together
with
the
DLPC4422
display controller, DLPA100 power and motor driver,
and DLPA200 micromirror driver comprise the DLP®
0.65” WXGA chipset. This chipset is a great solution
for display systems that require WXGA resolution,
high brightness, and system simplicity.
Table 1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLP650LE
FYL (149)
35 mm × 32 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DLP650LE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP650LNIR TI1-DLP650LNIR Datasheet
1Mb / 52P
0.65 NIR WXGA S450 DMD
DLP650LNIR TI2-DLP650LNIR Datasheet
1Mb / 53P
DLP650LNIR 0.65 NIR WXGA S450 DMD
NOVEMBER 2018
DLP650LNIRFYL TI1-DLP650LNIRFYL Datasheet
1Mb / 52P
0.65 NIR WXGA S450 DMD
DLP650LNIRFYL TI2-DLP650LNIRFYL Datasheet
1Mb / 53P
DLP650LNIR 0.65 NIR WXGA S450 DMD
NOVEMBER 2018
DLP650LNIRFYL.B TI2-DLP650LNIRFYL.B Datasheet
1Mb / 53P
DLP650LNIR 0.65 NIR WXGA S450 DMD
NOVEMBER 2018
More results

Similar Description - DLP650LE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4500 TI1-DLP4500 Datasheet
2Mb / 36P
DLP 0.45 WXGA DMD
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
WXGA Near-Infared DMD
DLP4501 TI1-DLP4501 Datasheet
533Kb / 36P
WXGA S311 DMD
DLP650NE TI1-DLP650NE Datasheet
4Mb / 44P
0.65 1080p S600 DMD
DLP650LNIR TI1-DLP650LNIR Datasheet
1Mb / 52P
0.65 NIR WXGA S450 DMD
DLP4500 TI1-DLP4500_19 Datasheet
2Mb / 61P
DLP4500 .45 WXGA DMD
DLP4500NIR TI1-DLP4500NIR_19 Datasheet
2Mb / 53P
.45 WXGA Near-Infrared DMD
DLP4501 TI1-DLP4501_19 Datasheet
531Kb / 37P
45 WXGA S311 DMD
DLP650TE TI-DLP650TE Datasheet
1Mb / 43P
DLP650TE 0.65 4K UHD DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
DLP651NE 0.65 1080p DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com