Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL88020 Datasheet(PDF) 43 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 43 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 39Page - Microchip Technology CL88020 Datasheet HTML 40Page - Microchip Technology CL88020 Datasheet HTML 41Page - Microchip Technology CL88020 Datasheet HTML 42Page - Microchip Technology CL88020 Datasheet HTML 43Page - Microchip Technology CL88020 Datasheet HTML 44Page - Microchip Technology CL88020 Datasheet HTML 45Page - Microchip Technology CL88020 Datasheet HTML 46Page - Microchip Technology CL88020 Datasheet HTML 47Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
 2017 Microchip Technology Inc.
DS50002611A-page 43
FIGURE C-20:
Input Power vs. NTC Resistance.
FIGURE C-21:
VALR PIN vs. Input Line Voltage.
0
1
2
3
4
5
6
7
8
9
10
11
12
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
46.0
48.0
50.0
NTC Resistance (kΩ)
0.6
0.675
0.75
0.825
0.9
0.975
1.05
1.125
1.2
1.275
1.35
1.425
1.5
1.575
1.65
1.725
95
100
105
110
115
120
125
130
135
140
145
Input Voltage (V RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com