Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL88020 Datasheet(PDF) 11 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 11 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 7Page - Microchip Technology CL88020 Datasheet HTML 8Page - Microchip Technology CL88020 Datasheet HTML 9Page - Microchip Technology CL88020 Datasheet HTML 10Page - Microchip Technology CL88020 Datasheet HTML 11Page - Microchip Technology CL88020 Datasheet HTML 12Page - Microchip Technology CL88020 Datasheet HTML 13Page - Microchip Technology CL88020 Datasheet HTML 14Page - Microchip Technology CL88020 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
 2017 Microchip Technology Inc.
DS50002611A-page 11
• Reduced light output ripple (optional)
- An external capacitor with four diodes provides lower light output ripple
- Use of a ceramic capacitor instead of a electrolytic means lamp life can match
the LED lifetime (more than 40,000 hours versus 5,000 hours)
- Provides continuous power to the driver
• Active line regulation
- Active circuitry provides better regulated output power over variations in AC
line voltage
- Between 0% to –12% line regulation typical
- Prevents driver from overheating at high AC line voltages
- Prevents excessive currents at low line
- Provides reasonable line regulation and efficient operation with only 4 taps
• Over temperature protection
- Optional
- An inexpensive external NTC thermistor provides remote temperature sens-
ing. The thermistor may be located in close proximity to the LEDs to provide
nearly direct monitoring of LED temperature.
- OTP is linear (no on/off cycling)
- A widely available, 470 kΩ NTC provides 85°C maximum temperature
- Temperature adjustable via selection of NTC thermistor resistance
• Two current-setting resistors
- Different hold-up and direct AC currents lowers THD and output ripple
- Tap current ratios internally set
- Reduces component count
- Fewer pins
- Simplifies application design
- Single-point current control for reduced EMI
• 8-pin power SOIC
- Higher HV creepage distances
- Pinout arranged to minimize pin-to-pin voltage differentials
- Pinout accommodates single-layer PCB
• Available in a thermally-enhanced 8-Lead SOIC package with heat slug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com