Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL88020 Datasheet(PDF) 10 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 10 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 6Page - Microchip Technology CL88020 Datasheet HTML 7Page - Microchip Technology CL88020 Datasheet HTML 8Page - Microchip Technology CL88020 Datasheet HTML 9Page - Microchip Technology CL88020 Datasheet HTML 10Page - Microchip Technology CL88020 Datasheet HTML 11Page - Microchip Technology CL88020 Datasheet HTML 12Page - Microchip Technology CL88020 Datasheet HTML 13Page - Microchip Technology CL88020 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
CL88020
120 VAC OFFLINE LED DRIVER
EVALUATION BOARD USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002611A-page 10
Chapter 1. Product Overview
1.1
INTRODUCTION
This chapter provides an overview of the CL88020 120 VAC Offline LED Driver Evalu-
ation Board and covers the following topics:
• CL88020 Device Overview
• CL88020 Device Key Features
• CL88020 120 VAC Offline LED Driver Evaluation Board
• Evaluation Board Kit Contents
1.2
CL88020 DEVICE OVERVIEW
The CL88020 LED driver integrated circuit (IC) is targeted at general LED lighting
products, such as A19 bulb with a maximum power rating of about 8.5W at 120 VAC
(60W incandescent equivalent bulbs).
1.3
CL88020 DEVICE KEY FEATURES
• Monolithic
- No external FETs, minimum driver component count
• No inductors
- Reduces BOM cost and circuit complexity
• Efficient operation
- Typical electrical efficiencies of 80% to 83% across the AC input voltage
range.
• No high frequencies
- Inherently low conducted EMI, no need for input filters
• Inherently dimmer compatible
- Works with most leading-edge and trailing-edge phase-cut dimmers
- TRIAC dimmer compatible
• 120 VAC only
- Reduces die size by optimizing output FET voltages and sizes
• Targeted for 8.5W output
- 60W incandescent equivalent (most popular), assuming minimum 94 Lm/W
efficacy
•4 taps
- Fewer pins reduces footprint size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com