Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1664 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP1664
Description  MCP1664 LED Driver Evaluation Board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1664 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP1664 Datasheet HTML 18Page - Microchip Technology MCP1664 Datasheet HTML 19Page - Microchip Technology MCP1664 Datasheet HTML 20Page - Microchip Technology MCP1664 Datasheet HTML 21Page - Microchip Technology MCP1664 Datasheet HTML 22Page - Microchip Technology MCP1664 Datasheet HTML 23Page - Microchip Technology MCP1664 Datasheet HTML 24Page - Microchip Technology MCP1664 Datasheet HTML 25Page - Microchip Technology MCP1664 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
A.2
BOARD – SCHEMATIC
SW 1
GND 2
FB 3
VIN
5
EN
4
U1
MCP1664
GND
GND
GND
GND
J1
J2
10uF
C3
10uF
C4
VIN
GND
+A
3
-A
2
OUTA 1
VSS
11
VDD
4
U2A
+B
5
-B
6
OUTB 7
VSS
11
VDD
4
U2B
+C
10
-C
9
OUTC 8
VSS
11
VDD
4
U2C
+D
12
-D
13
OUTD 14
VSS
11
VDD
4
U2D
VDD
VDD
VDD
VDD
GND
GND
GND
10k
0603
1%
R6
GND
VDD
0.47uF
6.3V
0603
C2
0.1uF
16V
0603
C6
GND
2k
0603
1%
R2
4.7k
0603
5%
R1
10k
3386F
10%
R7
VDD
GND
0.1uF
16V
0603
C7
GND
DIMMING
DIMMING
GND
GND
VDD
TP2
TP1
TP4
TP3
TP7
GND
0.1uF
16V
0603
C1
VDD
GND
TP10
TP6
1.8k
0603
1%
R4
TP8
TP9
DIP 2 SPST
SW1
VDD
10k
0603
1%
R5
GND
GND
10k
0603
1%
R8
GND
10k
0603
1%
R9
GND
DIM1
DIM2
TP7
DIP 2 SPST
SW1
S
VDD
GND
GND
10k
1
0603
1%
R8
R
GND
10k
1
0603
1%
R9
R
GND
DIM1
DIM2
ANALOG DIMMING
3
2
1
+A
-A
OUTA
A
A
VSSS
11
VDD
D
44
U2A
5
6
7
+B
-B
OUTB
B
B
VSSS
11
VDD
D
44
U2B
10
9
8
+C
-C
OUTC
C
C
VSSS
11
VDD
D
44
U2C
12
13
14
+D
-D
OUTD
D
D
VSSS
11
VDD
D
44
U2D
VDD
VDD
VDD
GND
GND
GND
10k
1
0603
1%
R6
R
GND
VDD
0.47uF
6.3V
0603
C2
0.1uF
16V
0603
C6
GND
2kk
0603
1%
VDD
DD
R2
4.7k
7k
0603
5%
R1
10k
3386F
10%
R7
VDD
GND
0.1uF
16V
0603
C7
GND
DIMMING
GND
GND
VDD
GND
0.1uF
16V
0603
C1
VDD
GND
TP10
TP6
1.8k
8k
0603
1%
R4
10k
1
0603
1%
R5
R
PWM DIMMING
SW 1
GND 2
FB 3
VIN
5
EN
4
U1
MCP1664
GND
GND
GND
10uF
C3
10uF
C4
VDD
DIMMING
TP4
TP3
TP8
TP9
POWER TRAIN
MBRA140T3G
D1
10uF
50V
1210
C5
3
1
2
DMN2050L-7
Q1
3
1
2
DMN2050L-7
Q2
WHITE
LD1
WHITE
LD2
WHITE
LD3
WHITE
LD4
HEATSINK1
HEATSINK2
HEATSINK3
HEATSINK4
4.7uH
L1
0R
1206
R3
3.3R
0805
1%
R12
3.3R
0805
1%
R11
3.3R
0805
1%
R10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com