Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1664 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1664
Description  MCP1664 LED Driver Evaluation Board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1664 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1664 Datasheet HTML 11Page - Microchip Technology MCP1664 Datasheet HTML 12Page - Microchip Technology MCP1664 Datasheet HTML 13Page - Microchip Technology MCP1664 Datasheet HTML 14Page - Microchip Technology MCP1664 Datasheet HTML 15Page - Microchip Technology MCP1664 Datasheet HTML 16Page - Microchip Technology MCP1664 Datasheet HTML 17Page - Microchip Technology MCP1664 Datasheet HTML 18Page - Microchip Technology MCP1664 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Installation and Operation
 2015 Microchip Technology Inc.
DS50002363A-page 15
2.3.1.3
ADJUSTING LED CURRENT BY RECALCULATING THE SENSE
RESISTOR (ANALOG DIMMING)
The sense resistor is used to modify the value of the output current. The value for the
resistor can be calculated using the following equation:
EQUATION 2-1:
SENSE RESISTOR CALCULATION
Figure 2-3 shows the maximum output current for four LEDs:
FIGURE 2-3:
Maximum Output Current vs. Input Voltage.
For the MCP1664 LED Driver Evaluation Board, if the current select switch is set to
90 mA, the input voltage range varies from 2.4V to 5.5V; when the current select
switch is set to 180 mA, the input voltage range is from 3V to 5.5V; when the current
select switch is set to 270 mA, the input voltage range runs from 4.5V to 5.5V
Where:
VFB = 0.300V
ILED = output LED current
RSENSE
VFB
ILED
--------------
=
Note: If the sense resistor is recalculated, the switch used for current selecting will
not be used, as it will add a resistor in parallel with the calculated compo-
nent and the value of the current will be different than the one specified in
the User Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com