Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1664 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP1664
Description  MCP1664 LED Driver Evaluation Board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1664 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP1664 Datasheet HTML 20Page - Microchip Technology MCP1664 Datasheet HTML 21Page - Microchip Technology MCP1664 Datasheet HTML 22Page - Microchip Technology MCP1664 Datasheet HTML 23Page - Microchip Technology MCP1664 Datasheet HTML 24Page - Microchip Technology MCP1664 Datasheet HTML 25Page - Microchip Technology MCP1664 Datasheet HTML 26Page - Microchip Technology MCP1664 Datasheet HTML 27Page - Microchip Technology MCP1664 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002363A-page 25
MCP1664 LED DRIVER
EVALUATION BOARD
USER’S GUIDE
Appendix B. Bill of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM)
Qty.
Reference
Description
Manufacturer
Part Number
3
C1, C6, C7 Cap. ceramic 0.1 µF 16V 10% X7R SMD
0603
AVX Corporation
0603YC104KAT2A
1
C2
Cap. ceramic 0.47 µF 6.3V 10% X5R
SMD 0603
Murata Electronics®
GRM188R60J474KA01D
2
C3, C4
Cap. ceramic 10 µF 10V 10% X7R SMD
0805
Murata Electronics
GRM21BR71A106KE51L
1
C5
Cap. ceramic 10 µF 50V 20% X7R SMD
1210
Taiyo Yuden Co., Ltd.
UMK325AB7106MM-T
1
D1
Diode Schottky MBRA140T3G 505 mV
1A 40V DO-214AC_SMA
ON Semiconductor®
MBRA140T3G
2
J1, J2
Conn. TP Loop Tin SMD
Harwin Inc.
S1751-46R
1
L1
Inductor 4.7 µH 3.16A 20% SMD
L7.3W7.3H4.5
Würth Elektronik
7447779004
4
LD1, LD2,
LD3, LD4
Diode LED White 3.2V 700 mA 95lm
2700K SMD L3.45W3.45H2.2
Würth Elektronik
158353027
2
Q1, Q2
Trans. FET N-CH DMN2050L-7 20V 5.9A
1.4W SOT-23-3
Diodes® Incorporated
DMN2050L-7
1
PCB
Printed Circuit Board – MCP1664 LED
Driver Evaluation Board
—
04-10371
1
R1
Res. TKF 4.7k 5% 1/10W SMD 0603
Panasonic® - ECG
ERJ-3GEYJ472V
1
R2
Res. TKF 2k 1% 1/10W SMD 0603
Panasonic - ECG
ERJ-3EKF2001V
1
R3
Res. TKF 0R SMD 1206
KOA Speer Electronics,
Inc.
RK73Z2BTTD
1
R4
Res. TKF 1.8k 1% 1/10W SMD 0603
Panasonic - ECG
ERJ-3EKF1801V
4
R5, R6, R8,
R9
Res. TF 10k 1% 1/16W SMD 0603
TE Connectivity, Ltd.
5-1879337-9
1
R7
Res. Trimmer Cermet 10k 10% 500 mW
TH 3386F
Bourns®, Inc.
3386F-1-103T
3
R10, R11,
R12
Res. TKF 3.3R 1% 1/8W SMD 0805
Vishay/Dale
CRCW08053R30FKEA
1
SW1
Switch DIP 2 SPST 24V 25 mA
418121270802 SMD
Würth Elektronik
418121270802
1
TP1
Conn. TP Loop Red TH
Keystone Electronics
Corp.
5010
3
TP2, TP6,
TP10
Conn. TP Loop Black TH
Keystone Electronics
Corp.
5011
6TP3, TP4,
TP5, TP7,
TP8, TP9
Conn. TP Loop Orange TH
Keystone Electronics
Corp.
5013
Note: The components listed in this Bill of Materials are representative of the PCB assembly. The
released BOM used in manufacturing uses all RoHS-compliant components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com