Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1601 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # 2SA1601
Description  Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

2SA1601 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  2SA1601 Datasheet HTML 1Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 2Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 3Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 4Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 5Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 6Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
M57161L-01
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
M57161L-01
Hybrid IC for IGBT Gate Driver
4
1. Principle of Operation – RTC Detection and Short-Circuit Protection
Powerex F-Series (trench gate) IGBT modules have a built-in
RTC (Real Time Control) circuit.
The purpose of the RTC is to limit
short-circuit current and maintain a 10µs short-circuit withstanding
capability. The RTC circuit limits the current by actively reducing the
gate voltage when excessive collector current is present. The M57161L-
01 gate driver uses a gate voltage detection circuit to sense the
activation of the RTC circuit inside the F-Series IGBT module.
A
simplified schematic of the RTC detector circuit is shown in Figure 1.
This circuit consists of a comparator with its (-) input connected
to the gate of the IGBT module and its (+) input supplied with a fixed
reference voltage of VSC. In the normal ON state, the voltage on the
gate of the IGBT is nearly equal to the positive gate drive supply voltage, which exceeds VSC and makes the
comparator output low. In the normal OFF state, the gate voltage is nearly equal to the negative gate drive supply
voltage, which is less than VSC making the comparator output high. If a short circuit occurs, the RTC circuit inside
the F-Series IGBT module will activate and pull the gate voltage down below the VSC reference. This abnormal
presence of a gate voltage less than VSC when the IGBT is supposed to be on indicates
that the module’s RTC has been activated. This condition is identified by a logical AND of
the gate driver’s control input signal and the comparator’s output as shown in Figure 1.
The output of the AND will go high when a short-circuit condition is detected. The output
of the AND is then used to command the IGBT to shut down in order to protect it from the
short circuit. A delay is provided after the comparators output to prevent the circuit from
indicating a short-circuit condition during the normal transition of gate voltage at turn-on.
2. Operation of the M57161L-01 RTC Detector
The Powerex M57161L-01 hybrid gate drive circuit implements RTC detection as
described above. A flow chart for the logical operation of the short-circuit protection is
shown in Figure 2.
When the IGBT module’s RTC is activated the hybrid gate driver
performs a soft shut-down of the IGBT and starts a timed lock-out, ttimer, typically 2.0ms.
The soft turn-off helps to limit the transient voltage that may be generated while
interrupting the short-circuit current flowing in the IGBT.
During the lock-out a fault
feedback signal is asserted and all input signals are ignored. Normal operation of the
driver will resume after the lock-out time has expired and the control input signal returns to
its off state.
This protection scheme is superior to conventional desaturation detection because
it avoids the need for a high voltage detection diode, and reduces spacing requirements on
the gate drive printed circuit board. In addition, noise immunity is improved because the
driver is not connected to the high voltage on the IGBT’s collector.
3. Adjusting Protection Delay Time
The M57161L-01 has a default short-circuit detection time delay (tTRIP)of
approximately 3.5µs. This will prevent erroneous detection of short-circuit conditions as
long as the series gate resistance (RG) is near the minimum recommended value for the
module being used. The 3.5µs delay is appropriate for most applications so adjustment
will not be necessary. However, in some low frequency applications it may be desirable to
use a larger series gate resistance to slow the switching of the IGBT for reduced noise and
turn-off transient voltages. As the RG is increased, the rise of gate voltage is slowed and in
VSC
RTC
Circuit
C
E
G
+
F-Series
IGBT
Module
E
COMPARE
DELAY
GATE
DRIVE
AND
RG
+
Shut-Down
Input
Figure 1 RTC Detector
Start
Is
VGE<VSC
Is Input
Signal ON
Delay
Is
VGE<VSC
Slow Shut-down
Disable Output
Set Fault Signal
Wait ttimer
Is Input
Signal OFF
Clear Fault
Signal
Enable Output
NO
YES
NO
YES
NO
YES
NO
YES
Figure 2 Flow Chart



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com