Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1601 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # 2SA1601
Description  Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

2SA1601 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  2SA1601 Datasheet HTML 1Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 2Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 3Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 4Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 5Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 6Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
M57161L-01
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
M57161L-01
Hybrid IC for IGBT Gate Driver
6
sufficiently high ripple current rating.
Theexample circuit inFigure5uses
a
150µF
low
impedance
type
electrolytic for the input decoupling
capacitor.
The
driver’s
built-in
DC-DC
converter produces isolated +17.4V
and -6.5V outputs at pins 19 and 17
with respect to the common pin 18.
These
voltages
are
supplied
to
driver’s output stage on pins 22 and
24 to provide high current gate drive
with on and off driving voltages of
+15.5V and –5V. In order to deliver
the pulse current necessary for efficient switching, the output of the isolated DC-DC converter (pins 17, 18 and 19)
must be decoupled using a combination of low impedance electrolytic and film capacitors. In Figure 5 the 150µF
low impedance electrolytics and a 2.2µF stacked film or multi-layer ceramic are included for this purpose. These
capacitors should be located as close as possible to the pins of the hybrid gate driver.
When driving small
modules it is usually acceptable to use smaller capacitors provided that that they have sufficient ripple current
capability and low enough impedance. However, very large modules and parallel module applications may require
500µF or more to achieve low enough impedance and high enough ripple current capability.
The series gate resistor (RG) should be selected based on the application requirements and module type being
used. Details for selecting RG can be found in Powerex IGBT module application notes. The minimum allowable
RG for the M57161L-01 is 2.2Ω. If a smaller value is desired, a booster stage must be added. (See Section 7.)
The back-to-back zener diodes from G to E that are normally recommended are not required with F-Series IGBT
modules because they are included as part of the modules internal RTC circuit.
Pin 28 is used to adjust the RTC detection time and total shut-down time. This adjustment was described in
detail in Section 3. To extend the trip time, CTRIP can be connected as shown in Figure 5. This capacitor should
be located as close as possible to the pins of the gate driver.
Pin 27 is an active low fault status signal. When a fault (short circuit or undervoltage) is detected this pin is
pulleddowntothe VEE supply. In Figure5alow speed optocoupler is utilized to provide isolation of the fault
feedback signal. The optocoupler is connected from the common of the isolated power supply (pin 18) to the fault
signal pin using a 470
Ω current limiting resistor. When a fault occurs a current of approximately 10mA will flow in
the optocoupler’s LED. A 3.3k
Ω resistor connected across the opto’s photodiode helps to improve noise immunity.
6. Control Power Supply Requirements
The control power supply current
required for the M57161L-01 is primarily a
function of the gate charge (QG)of the
IGBT
module
being
driven
and
the
switching frequency.
Figure 6 shows the
15V control power supply current (ID)as a
function of IGBT module gate charge for
various switching frequencies. This curve
provides
an
estimate of
the
required
current.
The actual current will vary
depending on the operating conditions of
the IGBT module. To accommodate these
variations, it is recommended that the 15V
supply be designed to provide 150% - 200% of the value indicated in Figure 6.
Figure 5 M57161L-01 Typical Application Circuit
M57161L-01
150
µF
+
VD
+
1
6
24
22
17
19
+
RTC
29
27
+
Vin
FO
+
150
µF
2.2
µF
RG
CTRIP
150
µF
G
E
IGBT Module
3.3k
470
Ω
-
Figure 6 Supply Current versus Gate Charge
0
100
200
300
400
500
0
2
468
10
QG (µC)
5kHz
10 kHz
15 kHz
20 kHz
VGE = +15V/-5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com