Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1601 Datasheet(PDF) 7 Page - Powerex Power Semiconductors

Part # 2SA1601
Description  Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

2SA1601 Datasheet(HTML) 7 Page - Powerex Power Semiconductors

  2SA1601 Datasheet HTML 1Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 2Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 3Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 4Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 5Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 6Page - Powerex Power Semiconductors 2SA1601 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
M57161L-01
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
M57161L-01
Hybrid IC for IGBT Gate Driver
7
7. Driving Large IGBT Modules
In order to achieve efficient, reliable operation of large IGBT modules or multiple parallel connected
modules, a gate driver with high pulse current capability is required.
The M57161L-01 hybrid gate driver is
designed to perform this function as a stand-alone unit in most applications. However, for optimum performance
with very large modules, it may be necessary to add an output booster stage to the hybrid gate driver. A booster
stage is required when the desired series gate resistance is lower than the minimum RG specified on the gate
driver’s data sheet.
Figure 7 is a schematic showing the M57161L-01 with an added booster stage consisting of a
complimentary transistor pair driving two parallel connected IGBT modules. The NPN and PNP booster transistors
(Q1, Q2) should be fast switching (tf < 200nS) and have sufficient current gain to deliver the desired peak output
current. Table 1 lists some combinations of booster transistors that can be used in the circuit shown in Figure 7.
The series resistor (RO) connected from the driver’s output on pin 23 to the booster stage is used to limit the peak
base current and help to damp oscillations in the booster stage. In most applications RO should be set so that RO
=hfe xRG, where hfe is the minimum gain of the booster stage transistors and RG is the series gate resistance.
Note that if the application has parallel modules then the effective RG must be used in the above equation. For
example, if there are 2 modules in parallel then RO =hfe xRG/2. When parallel connected modules are used with
the M57161L-01 it is also necessary to include a diode OR circuit so that the gates of the paralleled modules can
be independently monitored. An example of the diode OR is also shown in Figure 7.
Table 1 Booster Stage Transistors
Q1
NPN
Q2
PNP
Peak
current
VCEO
Manufacturer
Package
MJD44H11
MJD45H11
15A
80V
ON Semiconductor
D2-Pac
D44VH10
D45VH10
20A
80V
ON Semiconductor
TO-220
MJE15030
MJE15031
15A
150V
ON Semiconductor
TO-220
2SC4151
2SA1601
30A
40V
Shindengen
Isolated TO-220
ZTX851
ZTX951
20A
80V
Zetex
TO-92
Figure 7 M57161L-01 Typical Application Circuit With Booster Stage
M57161L-01
470
µF
+
VD
+
16
24
22
17
19
+
29
27
+
VIN
FO
+
470
µF
2.2
µF
RG
CTRIP
150
µF
RTC
3.3k
470
Ω
Q1
RO
Q2
4.7k
Ω
RG
RTC
2N4401
1N4148



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com