Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3428 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3428
Description  4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3428 Datasheet(HTML) 2 Page - Linear Technology

  LTC3428 Datasheet HTML 1Page - Linear Technology LTC3428 Datasheet HTML 2Page - Linear Technology LTC3428 Datasheet HTML 3Page - Linear Technology LTC3428 Datasheet HTML 4Page - Linear Technology LTC3428 Datasheet HTML 5Page - Linear Technology LTC3428 Datasheet HTML 6Page - Linear Technology LTC3428 Datasheet HTML 7Page - Linear Technology LTC3428 Datasheet HTML 8Page - Linear Technology LTC3428 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3428
2
3428f
VIN, VOUT, SWA, SWB Voltage ....................... – 0.3 to 6V
SWA, SWB Voltage, Pulsed, <100ns ......................... 7V
SHDN, VC Voltage ......................................... – 0.3 to 6V
FB Voltage ................................... – 0.3 to (VOUT + 0.3V)
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Storage Temperature Range ..................–65°C to 125°C
ORDER PART
NUMBER
DD PART
MARKING
TJMAX = 125°C, θJA = 45°C/W,
θJC = 3°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LBBG
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3428E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VOUT = 5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Startup Voltage
1.5
1.6
V
Quiescent Current, VOUT
SHDN = VIN
100
200
µA
Quiescent Current, VIN
SHDN = VIN
1.3
2.0
mA
Shutdown Current
SHDN = 0V
1
µA
Switching Frequency
Per Phase
●
0.8
1.0
1.2
MHz
FB Regulated Voltage
●
1.219
1.243
1.268
V
FB Input Current
VFB = 1.24V
1
50
nA
Error Amp Transconductance
170
µS
Output Adjust Voltage
1.6
5.25
V
NMOS Switch Leakage
VSWA, VSWB = 5.5V, Per Phase
0.1
2.5
µA
NMOS Switch On Resistance
VOUT = 5V, Per Phase
0.093
Ω
NMOS Current Limit
Per Phase
●
2
2.5
A
SHDN Input Threshold
●
0.4
0.8
1.5
V
SHDN Input Current
0.01
1
µA
Maximum Duty Cycle
●
80
87
%
Minimum Duty Cycle
●
0%
Current Limit Delay to Output
(Note 3)
40
ns
Note 3: Specification is guaranteed by design and not 100% tested in
production.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
EXPOSED PAD MUST BE SOLDERED
TO GROUND PLANE ON PCB
10
9
6
7
8
4
5
3
2
1
PGNDB
SWB
VIN
AGND
FB
PGNDA
SWA
VOUT
SHDN
VC
11
LTC3428EDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com