Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3428 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3428
Description  4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3428 Datasheet(HTML) 3 Page - Linear Technology

  LTC3428 Datasheet HTML 1Page - Linear Technology LTC3428 Datasheet HTML 2Page - Linear Technology LTC3428 Datasheet HTML 3Page - Linear Technology LTC3428 Datasheet HTML 4Page - Linear Technology LTC3428 Datasheet HTML 5Page - Linear Technology LTC3428 Datasheet HTML 6Page - Linear Technology LTC3428 Datasheet HTML 7Page - Linear Technology LTC3428 Datasheet HTML 8Page - Linear Technology LTC3428 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3428
3
3428f
TYPICAL PERFOR A CE CHARACTERISTICS
3428 G09
LOAD CURRENT (A)
0.05
95
90
85
80
75
70
65
60
55
0.1
1
2
3428 G05
3428 G04
3.3V TO 5V
2.5V TO 3.3V
2.5V TO 5V
OUTPUT VOLTAGE (V)
2.5
108
106
104
102
100
98
96
94
92
90
88
4.5
3428 G06
3428 G02
3428 G01
3428 G03
3.0
3.5
4.0
5.0
120
110
100
90
80
70
60
1.27
1.26
1.25
1.24
1.23
1.22
3428 G08
TEMPERATURE (°C)
3428 G07
10ns/DIV
–45
15
55
115
–25 –5
35
75
95
TEMPERATURE (°C)
–45
15
55
115
–25
–5
35
75
95
500ns/DIV
500ns/DIV
500ns/DIV
100µs/DIV
5V/DIV
50mV/DIV
1V/DIV
2V/DIV
500mA/DIV
100mV/DIV
500mA/DIV
SWA
SWB
SWA, SWB Switching Waveforms
SWA, SWB Rise Time, I = 2A
Switch RDS(ON) vs VOUT
Converter Efficiency
Output Voltage Ripple with 22µF
Ceramic Capacitor
Transient Response, 0.5A to 1.5A
SW Pin and Inductor Current in
Discontinuous Mode, Demonstrating
Anti-Ring Circuit Operation
Switch RDS(ON) vs Temperature
Feedback Voltage vs Temperature
All characteristic curves at TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com