Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3428 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3428
Description  4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3428 Datasheet(HTML) 4 Page - Linear Technology

  LTC3428 Datasheet HTML 1Page - Linear Technology LTC3428 Datasheet HTML 2Page - Linear Technology LTC3428 Datasheet HTML 3Page - Linear Technology LTC3428 Datasheet HTML 4Page - Linear Technology LTC3428 Datasheet HTML 5Page - Linear Technology LTC3428 Datasheet HTML 6Page - Linear Technology LTC3428 Datasheet HTML 7Page - Linear Technology LTC3428 Datasheet HTML 8Page - Linear Technology LTC3428 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3428
4
3428f
PI FU CTIO S
PGNDA, PGNDB (Pins 1, 10, 11 (Exposed Pad)): Power
Ground for the IC. Tie directly to local ground plane.
SWB (Pin 2), SWA (Pin 9): Phase B and Phase A Switch
Pins. The inductor and Schottky diodes for each phase are
connected to these pins. Minimize trace length to reduce
EMI.
VOUT (Pin 3): Power Supply Output and Bootstrapped
Power Source for the IC. Connect low ESR output filter
capacitors from this pin to the ground plane.
SHDN (Pin 4): Shutdown Pin. Grounding this pin shuts
down the IC. Connect to a voltage greater than 1.5V to
enable.
TYPICAL PERFOR A CE CHARACTERISTICS
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
3428 G10
TEMPERATURE (°C)
–45
15
55
–25
–5
35
75
95
Peak Current Limit vs
Temperature
VC (Pin 5): Error Amp Output. A frequency compensation
network is connected to this pin to compensate the boost
converter loop.
FB (Pin 6): Feedback Pin. A resistor divider from VOUT is
connected here to set the output voltage according to
VOUT = 1.243 • (1 + R1 / R2)
AGND (Pin 7): Signal Ground for the IC. Connect to ground
plane near feedback resistor divider.
VIN (Pin 8): Input Supply Pin. Bypass VIN with a low ESR
ceramic capacitor of at least 4.7µF. X5R and X7R dielec-
trics are preferred for their superior voltage and tempera-
ture characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com