Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2W Datasheet(PDF) 1 Page - Mini-Circuits

Part # EP2W
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2W Datasheet(HTML) 1 Page - Mini-Circuits

  EP2W Datasheet HTML 1Page - Mini-Circuits EP2W Datasheet HTML 2Page - Mini-Circuits EP2W Datasheet HTML 3Page - Mini-Circuits EP2W Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Power Splitter/Combiner
MMIC Surface Mount
The Big Deal
• Ultra-wide bandwidth, 0.7 to 6.0 GHz
• Tiny size, 5 x 5 x 1mm
• High power handling, 2.5W as a splitter
2 Way-0°
50Ω
0.7 to 6.0 GHz
Product Overview
Mini-Circuits’ EP2W+ is a MMIC 2-way 0˚ splitter/combiner designed for wideband operation from 0.7 to 6.0 GHz
supporting many applications requiring high performance across a wide frequency range including all the LTE
bands through WiMax an WiFi, as well as instrumentation and more. This model provides excellent power han-
dling up to 2.5W (as a splitter) with low insertion loss, good isolation, and low phase and amplitude unbalance in a
tiny 5x5mm QFN package. Manufactured using GaAs IPD technology, the EP2W+ provides a high level of ESD
protection and excellent repeatability.
Feature
Advantages
Wideband, 0.7 to 6.0 GHz
One power splitter can be used in all the LTE bands through WiMax and WiFi, saving compo-
nent count. Also ideal for wideband applications such as military and instrumentation.
Tiny size, 5 x 5 mm QFN package
Tiny footprint saves space in dense layouts while providing low inductance, repeatable transi-
tions, and excellent thermal contact to the PCB.
Excellent power handling
• 2.5W as a splitter
• 1.7W internal dissipation as a combiner
In power combiner applications, half the power is dissipated internally. EP2W+ is designed
to handle 1.7W internal dissipation as a combiner allowing reliable operation without exces-
sive temperature rise. Similar splitters implemented as Wilkinson splitters on PCB require big
resistors and additional heat sinking. As a splitter, EP2W+ can handle up to 2.5W in a very
small package.
DC Passing up to 0.4A
DC current passing is helpful in applications where both RF & DC need to pass through the
DUT, such as antenna mounted hardware.
Key Features
EP2W+
CASE STYLE: DG1677-2


Similar Part No. - EP2W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EP2W TEC-EP2W Datasheet
230Kb / 5P
Wirewound Anti-Surge Resistor
03/2012
logo
Mini-Circuits
EP2W-D MINI-EP2W-D Datasheet
213Kb / 5P
Power Splitter/Combiner Die
EP2W-DF+ MINI-EP2W-DF+ Datasheet
213Kb / 5P
Power Splitter/Combiner Die
EP2W-DG+ MINI-EP2W-DG+ Datasheet
213Kb / 5P
Power Splitter/Combiner Die
EP2W-DP+ MINI-EP2W-DP+ Datasheet
213Kb / 5P
Power Splitter/Combiner Die
More results

Similar Description - EP2W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com