Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2W Datasheet(PDF) 2 Page - Mini-Circuits

Part # EP2W
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2W Datasheet(HTML) 2 Page - Mini-Circuits

  EP2W Datasheet HTML 1Page - Mini-Circuits EP2W Datasheet HTML 2Page - Mini-Circuits EP2W Datasheet HTML 3Page - Mini-Circuits EP2W Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Power Splitter/Combiner
MMIC Surface Mount
Features
• Wide bandwidth, 0.7 to 6.0 GHz
• Excellent amplitude unbalance, 0.1 dB typ. to 6 GHz
• Good phase unbalance, 1 to 3 deg. typ.
• Small size, 5x5 mm
• High ESD level*
• Aqueous washable
• DC passing
Applications
• WIMAX
• ISM
• Instrumentation
• Radar
• WLAN
• Satellite communications
• LTE
REV. OR
M154657
EP2W+
RS/CP/AM
160809
Electrical Specifications1 at 25°C
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
0.7
6.0
GHz
Insertion Loss2 above 3.0 dB
0.7 - 1.5
—
0.9
1.5
dB
1.5 - 3.0
—
1.3
1.9
3.0 - 6.0
—
1.8
2.5
Isolation
0.7 - 1.5
8.6
11.6
—
dB
1.5 - 3.0
16.8
19.8
—
3.0 - 6.0
16.4
19.4
—
Phase Unbalance
0.7 - 1.5
—
0.5
2.5
Degree
1.5 - 3.0
—
0.9
2.9
3.0 - 6.0
—
1.7
6.0
Amplitude Unbalance
0.7 - 1.5
—
0.1
0.3
dB
1.5 - 3.0
—
0.1
0.3
3.0 - 6.0
—
0.1
0.4
VSWR (Port S)
0.7 - 1.5
—
1.6
—
:1
1.5 - 3.0
—
1.5
—
3.0 - 6.0
—
1.6
—
VSWR (Port 1-2)
0.7 - 1.5
—
1.3
—
:1
1.5 - 3.0
—
1.3
—
3.0 - 6.0
—
1.4
—
1. Tested on Mini-Circuits Test Board TB-880+
2. Insertion Loss Values are de-embedded from Test Board Loss.
Simplified Electrical Schematic
Pad Connections
Function
Pad Number
SUM PORT
4
PORT 1
15
PORT 2
26
NOT USED, GROUND,
EXTERNALLY
1-3, 5-14, 16-25, 27-32 & Paddle
Maximum Ratings
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Power Input (as a splitter)
2.5W3 Max. at 25°C
Internal Dissipation
1.7W4 Max. at 25°C
DC Current
t0.4A Max.
3. Derate linearly to 1.25W at 85°C
4. Derate linearly to 1.1W at 85°C
Permanent damage may occur if any of these limits are exceeded.
* ESD rating
Human body model (HBM): Class 2 (2000 to<4000V) in accordance with ANSI/ESD 5.1-2007
Machine model: Class M3 (200 to <4000V) in accordance with ANSI/ESD 5.2-2009
2 Way-0°
50Ω
0.7 to 6.0 GHz
EP2W+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: DG1677-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com