Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2W Datasheet(PDF) 4 Page - Mini-Circuits

Part # EP2W
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2W Datasheet(HTML) 4 Page - Mini-Circuits

  EP2W Datasheet HTML 1Page - Mini-Circuits EP2W Datasheet HTML 2Page - Mini-Circuits EP2W Datasheet HTML 3Page - Mini-Circuits EP2W Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
MMIC Power Splitter/Combiner
Frequency
(GHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
1. Total Loss = Insertion Loss + 3dB splitter loss.
Typical Performance Data
500
3.92
3.92
0.00
9.39
0.01
1.61
1.30
1.29
700
3.89
3.89
0.00
11.70
0.03
1.53
1.25
1.25
1500
3.86
3.87
0.01
20.43
0.02
1.45
1.19
1.22
2000
3.85
3.86
0.00
25.99
0.10
1.26
1.09
1.12
2500
3.95
3.94
0.01
26.49
0.11
1.17
1.14
1.11
3000
4.22
4.21
0.01
19.83
0.10
1.51
1.29
1.31
3500
4.22
4.21
0.01
21.14
0.16
1.33
1.17
1.23
4000
4.21
4.18
0.03
28.88
0.25
1.10
1.13
1.09
4500
4.36
4.30
0.06
23.19
0.27
1.18
1.25
1.17
5000
4.48
4.39
0.09
25.69
0.23
1.13
1.34
1.22
5500
4.66
4.56
0.10
23.32
0.04
1.40
1.40
1.28
6000
4.70
4.58
0.11
20.88
0.04
1.14
1.29
1.19
6500
4.89
4.76
0.13
28.67
0.15
1.32
1.47
1.36
7000
5.02
4.89
0.13
22.33
0.32
1.37
1.36
1.25
8000
5.20
5.06
0.14
22.91
0.30
1.12
1.29
1.25
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the
rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
3.0
3.5
4.0
4.5
5.0
5.5
500
2000
3500
5000
6500
8000
FREQUENCY (MHz)
EP2W+
TOTAL LOSS
S-1 (dB)
S-2 (dB)
0
10
20
30
40
50
500
2000
3500
5000
6500
8000
FREQUENCY (MHz)
EP2W+
ISOLATION
1.0
1.2
1.4
1.6
1.8
2.0
500
2000
3500
5000
6500
8000
FREQUENCY (MHz)
EP2W+
VSWR
#S-VSWR
#1-VSWR
#2-VSWR
EP2W+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com