Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5560JBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 25Page - Analog Devices AD5560JBCZ Datasheet HTML 26Page - Analog Devices AD5560JBCZ Datasheet HTML 27Page - Analog Devices AD5560JBCZ Datasheet HTML 28Page - Analog Devices AD5560JBCZ Datasheet HTML 29Page - Analog Devices AD5560JBCZ Datasheet HTML 30Page - Analog Devices AD5560JBCZ Datasheet HTML 31Page - Analog Devices AD5560JBCZ Datasheet HTML 32Page - Analog Devices AD5560JBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 28 of 66
TERMINOLOGY
Offset Error
Offset error is a measure of the difference between the actual
voltage and the ideal voltage at midscale or at zero current
expressed in millivolts (mV) or percentage of full-scale range
(%FSR).
Gain Error
Gain error is the difference between full-scale error and zero-
scale error. It is expressed in percentage of full-scale range
(%FSR).
Gain Error = Full-Scale Error − Zero-Scale Error
where:
Full-Scale Error is the difference between the actual voltage and
the ideal voltage at full scale.
Zero-Scale Error is the difference between the actual voltage and
the ideal voltage at zero scale.
Linearity Error
Linearity error, or endpoint linearity, is a measure of the
maximum deviation from a straight line passing through the
endpoints of the full-scale range. It is measured after adjusting
for offset error and gain error and is expressed in millivolts (mV).
Common-Mode (CM) Error
CM error is the error at the output of the amplifier due to the
common-mode input voltage. It is expressed in percentage of
full-scale voltage range per volt (%FSVR/V).
Clamp Limit
Clamp limit is a measure of where the clamps begin to function
fully and limit the clamped voltage or current.
Leakage Current
Leakage current is the current measured at an output pin when
the circuit connected to that pin is in high impedance state.
Slew Rate
The slew rate is the rate of change of the output voltage
expressed in volts per microsecond (V/μs).
Differential Nonlinearity (DNL)
DNL is the difference between the measured change and the
ideal 1 LSB change between any two adjacent codes. A specified
DNL of ±1 LSB maximum ensures monotonicity.
Output Voltage Settling Time
Output voltage settling time is the amount of time it takes for
the output of a DAC to settle to a specified level for a full-scale
input change.
Digital-to-Analog Glitch Energy
Digital-to-analog glitch energy is the amount of energy that is
injected into the analog output at the major code transition. It
is specified as the area of the glitch in nanovolts per second
(nV-sec). It is measured by toggling the DAC register data
between 0x7FFF and 0x8000.
AC Power Supply Rejection Ratio (ACPSRR)
ACPSRR is a measure of the part’s ability to avoid coupling
noise and spurious signals that appear on the supply voltage
pin to the output of the switch. The dc voltage on the device
is modulated by a sine wave of 0.2 V p-p. The ratio of the
amplitude of the signal on the output to the amplitude of the
modulation is the ACPSRR. It is expressed in decibels (dB).
VSTRESS
VSTRESS is the stress voltage applied to each pin during leakage
testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com