Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5560JBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 51Page - Analog Devices AD5560JBCZ Datasheet HTML 52Page - Analog Devices AD5560JBCZ Datasheet HTML 53Page - Analog Devices AD5560JBCZ Datasheet HTML 54Page - Analog Devices AD5560JBCZ Datasheet HTML 55Page - Analog Devices AD5560JBCZ Datasheet HTML 56Page - Analog Devices AD5560JBCZ Datasheet HTML 57Page - Analog Devices AD5560JBCZ Datasheet HTML 58Page - Analog Devices AD5560JBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 54 of 66
Address
Default
Data Bits, MSB First
0x7
0x0000
Bit
Name
Function
24
Force amplifier
NPNs
1A-1
25
1A-2
26
2A (similar location to VPTAT high for EXTFORCE2
range)
27
1B-1 (similar location to VPTAT high for EXTFORCE1
range)
28
1B-2
29
2B
30
1C-1
31
1C-2
6
5
Test Force
AMP[1:0]
These register bits allow disabling of stages of the force amplifier. They can be used to ensure connectivity in
each parallel stage. The enabled stage depends also on which current range is selected.
Current Range
Test Force
Amplifier
Enabled Stage
EXTFORCE1
0
All stages
EXTFORCE1
1
EXTFORCE1C
EXTFORCE1
2
EXTFORCE1B
EXTFORCE1
3
EXTFORCE1A
EXTFORCE2
0
All stages
EXTFORCE2
1
Reserved
EXTFORCE2
2
EXTFORCE2B
EXTFORCE2
3
EXTFORCE2A
4:0
Reserved
Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com