Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5560JBCZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 59Page - Analog Devices AD5560JBCZ Datasheet HTML 60Page - Analog Devices AD5560JBCZ Datasheet HTML 61Page - Analog Devices AD5560JBCZ Datasheet HTML 62Page - Analog Devices AD5560JBCZ Datasheet HTML 63Page - Analog Devices AD5560JBCZ Datasheet HTML 64Page - Analog Devices AD5560JBCZ Datasheet HTML 65Page - Analog Devices AD5560JBCZ Datasheet HTML 66Page - Analog Devices AD5560JBCZ Datasheet HTML 67Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 63 of 66
APPLICATIONS INFORMATION
THERMAL CONSIDERATIONS
Table 28. Thermal Resistance for TQFP_EP1
Cooling
Airflow (LFPM)
θ
JA
2
θ
JC (Uniform)
3
θ
JC (Local)
4
Ideal TIM6
θJC(Local)
w/TIM6
θJCP
w/TIM5
Unit
No Heat Sink
0
39
N/A
°C/W
200
37.2
°C/W
500
35.7
°C/W
Heat Sink7
0
12.2
N/A
°C/W
200
11.1
1.0
2.8
4.91
°C/W
500
9.5
°C/W
Cold Plate8
N/A
N/A
1.0
2.8
4.91
7.5
°C/W
1 All numbers are simulated and assume a JEDEC 4-layer test board.
2 θ
JA is the thermal resistance from hottest junction to ambient air.
3 θ
JC (Uniform) is the thermal resistance from junction to the package top, assuming total power is uniformly distributed.
4 θ
JC (Local) is the thermal resistance from junction to the center of package top, assuming total power = 8.5 W (1 W uniformly distributed, 7.5 W in power stages—local
heating).
5 θ
JCP is the thermal resistance from hottest junction to infinite cold plate with consideration of thermal interface material (TIM).
6 Ideal TIM is assuming top of package in perfect contact with an infinite cold plate. w/TIM is assuming TIM is 0.5 mm thick, with thermal conductivity of 2.56 W/m/k.
7 Heat sink with a rated performance of θ
CA ~5.3°C/W under forced convection, gives ~TJ = 111°C at 500 LFM. Thermal performance of the package depends on the heat
sink and environmental conditions.
8 Attached infinite cold plate should be ≤26°C to maintain T
J < 90°C, given total power = 8.5 W. Thermal performance of the package depends on the heat sink and
environmental conditions.
9 To estimate junction temperature, the following equations can be used:
TJ = Tamb + θJA × Power
TJ = Tcoldplate + θJCP × Power
TJ = Ttop + θJC × Power
Table 29. Thermal Resistance for Flip Chip BGA1
Cooling
Airflow (LFPM)
θ
JA
2
θ
JC (Uniform)
3
θ
JC (Local)
4
Ideal TIM6
θ
JC (Local)
w/TIM6
θ
JCP
5
w/TIM
Unit
No Heat Sink
0
40.8
N/A
°C/W
200
38.1
°C/W
500
36
°C/W
Heat Sink8
0
18
N/A
°C/W
200
11.8
0.05
1.6
4.6
°C/W
500
9
°C/W
Cold Plate9
N/A
N/A
0.05
1.6
4.6
6.5
°C/W
1 All numbers are simulated and assume a JEDEC 4-layer test board.
2 θ
JA is the thermal resistance from hottest junction to ambient air.
3 θ
JC (Uniform) is the thermal resistance from junction to the package top, assuming total power is uniformly distributed.
4 θ
JC (Local) is the thermal resistance from junction to the center of package top, assuming total power = 8.5 W (1 W uniformly distributed, 7.5 W in power stages—local
heating).
5 θ
JCP is the thermal resistance from hottest junction to infinite cold plate with consideration of thermal interface material (TIM).
6 Ideal TIM is assuming top of package in perfect contact with an infinite cold plate. w/TIM is assuming TIM is 0.4 mm thick, with thermal conductivity of 3.57 W/m/k.
7 Heat sink with a rated performance of θ
CA ~4.9°C/W under forced convection, gives ~TJ = 112°C at 500 LFM. Thermal performance of the package depends on the heat
sink and environmental conditions.
8 Attached infinite cold plate should be ≤30°C to maintain T
J < 90°C, given total power = 8.5 W. Thermal performance of the package depends on the heat sink and
environmental conditions.
9 To estimate junction temperature, the following equations can be used:
TJ = Tamb + θJA × Power
TJ = Tcoldplate + θJCP × Power
TJ = Ttop + θJC × Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com