Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320KCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADATE320KCPZ Datasheet HTML 1Page - Analog Devices ADATE320KCPZ Datasheet HTML 2Page - Analog Devices ADATE320KCPZ Datasheet HTML 3Page - Analog Devices ADATE320KCPZ Datasheet HTML 4Page - Analog Devices ADATE320KCPZ Datasheet HTML 5Page - Analog Devices ADATE320KCPZ Datasheet HTML 6Page - Analog Devices ADATE320KCPZ Datasheet HTML 7Page - Analog Devices ADATE320KCPZ Datasheet HTML 8Page - Analog Devices ADATE320KCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
1.25 GHz Dual Integrated DCL with PPMU, Level
Setting DACs, and On-Chip Calibration Registers
Data Sheet
ADATE320
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.25 GHz, 2.5 Gbps data rate
3-level driver with high-Z and reflection clamps
Window and differential comparators
±25 mA active load
Per pin parametric measurement unit (PMU) with a −1.5 V to
+4.5 V range
Low leakage mode (typically <5 nA)
Integrated 16-bit DACs with offset and gain correction
1.2 W power dissipation per channel (ADATE320)
1.3 W power dissipation per channel (ADATE320-1)
Driver
Voltage range: −1.5 V to +4.5 V
Precision trimmed termination: 50.0 Ω
Unterminated swing: 50 mV minimum to 6.0 V maximum
400 ps minimum pulse width, 1.0 V programmed swing
25 ps deterministic jitter
Comparator
Differential and single-ended window modes
100 ps equivalent input rise/fall time (ERT/EFT)
250 mV current mode logic (CML) outputs (ADATE320)
400 mV CML outputs (ADATE320-1)
Load
Per pin PMU (PPMU)
Force voltage/compliance range: −1.5 V to +4.5 V
5 current ranges
±40 mA, ±1 mA, ±100 μA, ±10 µA, ±2 µA
Dedicated go/no-go comparators
DC levels
Fully integrated and dedicated 16-bit DACs
On-chip gain and offset calibration registers with
automatic add/multiply function
84-lead, 10 mm × 10 mm LFCSP (0.4 mm pitch)
APPLICATIONS
Automatic test equipment (ATE)
Semiconductor/board test systems
Instrumentation and characterization equipment
GENERAL DESCRIPTION
The ADATE320 is a complete, single-chip ATE solution that
performs the pin electronics functions of a driver, comparator,
and active load (DCL), and a four quadrant per pin parametric
measurement unit (PPMU). Dedicated 16-bit digital-to-analog
converters (DACs) with on-chip calibration registers provide all
the necessary dc levels for operation of the device.
The driver features three active modes: high, low, and terminate, as
well as a high impedance inhibit state. The inhibit state, in
conjunction with the integrated dynamic clamps, facilitates
significant attenuation of transmission line reflections when the
driver is not actively terminating the line. The open-circuit drive
capability is −1.5 V to +4.5 V to accommodate a standard range
of ATE and instrumentation applications.
The ADATE320 can be used as a dual, single-ended pin
electronics channel or as a single differential channel. In
addition to per channel high speed window comparators, the
ADATE320 provides a programmable threshold differential
comparator for differential ATE applications.
All dc levels for DCL and PPMU functions are generated by
dedicated, on-chip, 16-bit DACs. To facilitate the programming
of accurate levels, the ADATE320 includes an integrated
calibration function to correct for the gain and offset errors of
each functional block. Correction coefficients can be stored on
chip, and any values written to the DACs adjust automatically
using the appropriate correction factors.
The ADATE320 uses a serial programmable interface (SPI) bus
to program all functional blocks, DACs, and on-chip calibration
constants. It also has an on-chip temperature sensor and overvolt-
age/undervoltage fault clamps that monitor and report the
device temperature and any output pin or transient PPMU
voltage faults that may occur during operation.
The ADATE320 is available in two options. The standard option
has high speed comparator outputs with 250 mV output swing.
The ADATE320-1 has 400 mV output swing. See the Ordering
Guide for more information.


Similar Part No. - ADATE320KCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results

Similar Description - ADATE320KCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE205 AD-ADATE205 Datasheet
389Kb / 16P
250 MHz Dual DCL
1/06-Revision 0
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
500 MHz Dual DCL
1/06- Revision 0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
ADATE205 AD-ADATE205_15 Datasheet
347Kb / 16P
250 MHz Dual DCL
REV. A
ADATE206 AD-ADATE206_15 Datasheet
348Kb / 16P
500 MHz Dual DCL
REV. A
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
500 MHz Dual Integrated DCL
23-Feb-2017
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
200 MHz Dual Integrated DCL
10/2017-Rev. B to Rev. C
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
600 MHz Dual Integrated DCL
27-Jul-2017
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com