Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1-5SC6Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA6V1-5SC6Y
Description  Automotive-grade 5-line transient voltage suppressor (TVS)for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-5SC6Y Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA6V1-5SC6Y Datasheet HTML 1Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 2Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 3Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 4Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 5Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 6Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 7Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 8Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
May 2017
DocID029995 Rev 3
1/12
This is information on a product in full production.
www.st.com
ESDA6V1-5SC6Y
Automotive-grade 5-line transient voltage suppressor (TVS)
for ESD protection
Datasheet - production data
Features
AEC-Q101 qualified
5 unidirectional TVS functions
UL 94 V-0
J-STD-020 MSL level 1
Benefits
Suitable for high density boards
Complies with the following
standards
ISO 10605 / IEC 61000-4-2: C = 150 pF,
R = 330
Ω
30 kV (air discharge)
18 kV (contact discharge)
ISO 10605: C = 330 pF, R = 330 Ω
20 kV (air discharge)
13 kV (contact discharge)
ISO 7637-3
Pulse 3a: VS = -150 V
Pulse 3b: VS = +100 V
Applications
This device is used to protect equipment in which
ESD and EOS transient overvoltage may
damage electronic circuits.
Description
This device is a monolithic voltage suppressor
designed to protect components connected to
data and transmission lines against ESD.
It clamps the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transients.
Figure 1: Pin configuration
SOT23-6L
I/O1
I/O2
Gnd
I/O5
I/O3
I/O4


Similar Part No. - ESDA6V1-5SC6Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6 Datasheet
40Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
Feb-2002
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
logo
Shanghai Leiditech Elec...
ESDA6V1-5SC6 LEIDITECH-ESDA6V1-5SC6 Datasheet
955Kb / 4P
4-Line Bi-direction TVS Diode Array
Rev : 01.06.2014
logo
STMicroelectronics
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6_04 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
More results

Similar Description - ESDA6V1-5SC6Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
07-Nov-2012
ESDAVLC8-1BU2 STMICROELECTRONICS-ESDAVLC8-1BU2 Datasheet
228Kb / 11P
Single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for bidirectional ESD protection
15-May-2012
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
Automotive single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
SMD Transient Voltage Suppressor For ESD Protection
ESD9FN12-A0 FORMOSA-ESD9FN12-A0 Datasheet
57Kb / 7P
Chip Transient Voltage Suppressor For ESD Protection
ESD9FN24 FORMOSA-ESD9FN24 Datasheet
60Kb / 7P
Chip Transient Voltage Suppressor For ESD Protection
N032AT23 FORMOSA-N032AT23 Datasheet
196Kb / 7P
SMD Transient Voltage Suppressor For ESD Protection
logo
STMicroelectronics
ESDAXLC6-1BT2Y STMICROELECTRONICS-ESDAXLC6-1BT2Y Datasheet
392Kb / 12P
Automotive single-line extra low capacitance Transil, transient surge voltage suppressor (TVS) for ESD protection
03-Nov-2014
logo
Infineon Technologies A...
ESD237-B1-W0201 INFINEON-ESD237-B1-W0201 Datasheet
762Kb / 14P
Protection devices TVS (Transient Voltage Suppressor)
Revision 1.0 2016-10-18
ESD241-B1-W0201 INFINEON-ESD241-B1-W0201 Datasheet
734Kb / 13P
Protection Devices TVS (Transient Voltage Suppressor)
Revision 1.2 2018-03-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com