Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1-5SC6Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA6V1-5SC6Y
Description  Automotive-grade 5-line transient voltage suppressor (TVS)for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-5SC6Y Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA6V1-5SC6Y Datasheet HTML 1Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 2Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 3Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 4Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 5Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 6Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 7Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 8Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
ESDA6V1-5SC6Y
2/12
DocID029995 Rev 3
1
Characteristics
Table 1: Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Vpp
Peak pulse voltage
ISO 10605 / IEC 61000-4-2
(C = 150 pF, R = 330
Ω)
Contact discharge
Air discharge
30
18
kV
ISO10605 (C = 330 pF, R = 330 Ω)
Contact discharge
Air discharge
20
13
Ipp
Peak pulse current
8/20μs
7
A
Ppp
Peak pulse power
80
W
Tstg
Storage temperature range
-65 to +150
°C
Tj
Operating junction temperature range
-40 to +150
TL
Maximum temperature for soldering during 10 s
260
°C
Figure 2: Electrical characteristics (definitions)
Table 2: Electrical characteristics - values (Tamb = 25 °C)
Order code
VBR at IR
IRM at VRM
VCL at Ipp(1)
VF at IF
αT(2)
Cline
Min.
Max.
Max.
Max.
Max.
Max.
Typ.
V
V
mA
µA
V
V
A
V
mA
10-4/C
pF
ESDA6V1-5SC6Y
6.1
7.2
1
1
5.2
11.4
7
1.25
200
6
50
Notes:
(1)8/20 μs waveform
(2)VBR at Tj = VBR at 25 °C x (1 + αT x (Tj - 25 ))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com