Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1-5SC6Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA6V1-5SC6Y
Description  Automotive-grade 5-line transient voltage suppressor (TVS)for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-5SC6Y Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA6V1-5SC6Y Datasheet HTML 1Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 2Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 3Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 4Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 5Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 6Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 7Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 8Page - STMicroelectronics ESDA6V1-5SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
ESDA6V1-5SC6Y
4/12
DocID029995 Rev 3
1.1
Characteristics (curves)
Figure 4: Pulse power versus junction temperature
Figure 5: Peak pulse power versus exponential
pulse duration
Figure 6: Clamping voltage versus peak pulse
current
Figure 7: Leakage current versus junction
temperature
Figure 8: ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 9: ESD response to IEC 61000-4-2
(-8 kV contact discharge)
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
Tj (°C)
8/20 µs
Ppp(W)
10
100
1000
10
100
1000
tp(µs)
PPP(W)
0.1
1
10
6
7
8
9
10
11
12
VCL(V)
8/20 µs
IPP(A)
10
100
1000
25
50
75
100
125
150
Tj(°C)
VRM = 5.2 V
IR(nA)
79.8 V
11.8 V
10.4 V
7.1 V
-2.1 V
-4.6 V
-82.6 V
-710 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com