Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7510 Datasheet(PDF) 33 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 29Page - Texas Instruments PCI7510 Datasheet HTML 30Page - Texas Instruments PCI7510 Datasheet HTML 31Page - Texas Instruments PCI7510 Datasheet HTML 32Page - Texas Instruments PCI7510 Datasheet HTML 33Page - Texas Instruments PCI7510 Datasheet HTML 34Page - Texas Instruments PCI7510 Datasheet HTML 35Page - Texas Instruments PCI7510 Datasheet HTML 36Page - Texas Instruments PCI7510 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 234 page
background image
2–14
Table 2–10. Multifunction and Miscellaneous Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
CLK_48
204
F06
I
48-MHz clock terminal
MFUNC0
3
F05
I/O
Multifunction terminal 0. See Section 4.36, Multifunction Routing Status Register, for
configuration details.
MFUNC1
4
G06
I/O
Multifunction terminal 1. See Section 4.36, Multifunction Routing Status Register, for
configuration details.
MFUNC2
7
F03
I/O
Multifunction terminal 2. See Section 4.36, Multifunction Routing Status Register, for
configuration details.
MFUNC3
8
F02
I/O
Multifunction terminal 3. See Section 4.36, Multifunction Routing Status Register, for
configuration details.
MFUNC4
9
G05
I/O
Multifunction terminal 4. See Section 4.36, Multifunction Routing Status Register, for
configuration details.
MFUNC5
10
F01
I/O
Multifunction terminal 5. See Section 4.36, Multifunction Routing Status Register, for
configuration details.
MFUNC6
11
H06
I/O
Multifunction terminal 6. See Section 4.36, Multifunction Routing Status Register, for
configuration details.
NC
—
84, 89, 94,
100, 102,
104
E05
P11, P12,
P13, P14,
R14, W16
No connect. These terminals have no connection anywhere within the package. Terminal
E05 on the GHK package is used as a key to indicate the location of the A01 corner of
the BGA package.
PHY_TEST_MA
112
P18
I
PHY test pin. Not for customer use. It must be tied to ground.
RI_OUT/PME
21
J03
O
Ring indicate out and power management event output. This terminal provides an output
for ring-indicate or PME signals.
SCL
2
E03
I/O
Serial clock. This terminal provides the serial clock signaling and is implemented as
open-drain. For normal operation (a ROM is implemented in the design), this terminal
must be pulled high to the ROM VDD with a 2.7-kΩ resistor. Otherwise, it must be pulled
low to ground with a 220-
Ω resistor.
SDA
1
D01
I/O
Serial data. At GRST, the SDA signal is sampled to determine if a two-wire serial ROM
is present. If the serial ROM is detected, then this terminal provides the serial data
signaling.
This terminal is implemented as open-drain, and for normal operation (a ROM is
implemented in the design), this terminal must be pulled high to the ROM VDD with a
2.7-k
Ω resistor. Otherwise, it must be pulled low to ground with a 220-Ω resistor.
SKT_SEL0
SKT_SEL1
78
79
U10
R10
I/O
Socket select terminals. These two terminals must be connected to ground through
pulldown resistors.
SPKROUT
5
E02
O
Speaker output. SPKROUT is the output to the host system that can carry SPKR or
CAUDIO through the PCI7510 device from the PC Card interface. SPKROUT is a low
value (0) default. Card insertion or removal, or turning power on or off does not cause any
changes to the SPKROUT terminal.
SUSPEND
12
G03
I
Suspend. SUSPEND protects the internal registers from clearing when the GRST or
PRST signal is asserted. See Section 3.9.6, Suspend Mode, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com