Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DHTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # IIS2DHTR
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DHTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button IIS2DHTR Datasheet HTML 7Page - STMicroelectronics IIS2DHTR Datasheet HTML 8Page - STMicroelectronics IIS2DHTR Datasheet HTML 9Page - STMicroelectronics IIS2DHTR Datasheet HTML 10Page - STMicroelectronics IIS2DHTR Datasheet HTML 11Page - STMicroelectronics IIS2DHTR Datasheet HTML 12Page - STMicroelectronics IIS2DHTR Datasheet HTML 13Page - STMicroelectronics IIS2DHTR Datasheet HTML 14Page - STMicroelectronics IIS2DHTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
DocID027668 Rev 2
11/49
IIS2DH
Mechanical and electrical specifications
49
2.2
Temperature sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(b)
TCOff
Zero-g level change
vs. temperature
Max delta from 25 °C
±0.5
mg/°C
Vst
Self-test
output change(5) (6) (7)
FS bits set to 00
X-axis; Normal mode
17
360
LSb
FS bits set to 00
Y-axis; Normal mode
17
360
LSb
FS bits set to 00
Z-axis; Normal mode
17
360
LSb
Top
Operating
temperature range
-40
+85
°C
1. Minimum and maximum values are based on characterization data and are not guaranteed
2. Typical specifications are not guaranteed.
3. Verified by wafer level test and measurement of initial offset and sensitivity.
4. Typical zero-g level offset value after factory calibration test at socket level.
5. The sign of “Self-test output change” is defined by the ST bit in CTRL_REG4 (23h), for all axes.
6. “Self-test output change” is defined as the absolute value of:
OUTPUT[LSb](Self test enabled) - OUTPUT[LSb](Self test disabled). 1LSb = 4 mg at 10-bit representation, ±2 g full scale
7. After enabling the ST bit, correct data is obtained after two samples (low-power mode / normal mode) or after eight samples
(high-resolution mode).
Table 3. Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit
b. The product is factory calibrated at 2.5 V. Temperature sensor operation is guaranteed in the range 2 V - 3.6 V.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
TSDr
Temperature sensor output
change vs. temperature
1
digit/°C(2)
2. 8-bit resolution.
TODR
Temperature refresh rate
ODR(3)
3. Refer to Table 28.
Hz
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com