Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DHTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # IIS2DHTR
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DHTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button IIS2DHTR Datasheet HTML 34Page - STMicroelectronics IIS2DHTR Datasheet HTML 35Page - STMicroelectronics IIS2DHTR Datasheet HTML 36Page - STMicroelectronics IIS2DHTR Datasheet HTML 37Page - STMicroelectronics IIS2DHTR Datasheet HTML 38Page - STMicroelectronics IIS2DHTR Datasheet HTML 39Page - STMicroelectronics IIS2DHTR Datasheet HTML 40Page - STMicroelectronics IIS2DHTR Datasheet HTML 41Page - STMicroelectronics IIS2DHTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Register description
IIS2DH
38/49
DocID027668 Rev 2
7.14
OUT_X_L (28h), OUT_X_H (29h)
X-axis acceleration data. The value is expressed as two’s complement left-justified.
Please refer to Section 2.6.3: High-resolution, normal mode, low-power mode.
7.15
OUT_Y_L (2Ah), OUT_Y_H (2Bh)
Y-axis acceleration data. The value is expressed as two’s complement left-justified.
Please refer to Section 2.6.3: High-resolution, normal mode, low-power mode.
7.16
OUT_Z_L (2Ch), OUT_Z_H (2Dh)
Z-axis acceleration data. The value is expressed as two’s complement left-justified.
Please refer to Section 2.6.3: High-resolution, normal mode, low-power mode.
7.17
FIFO_CTRL_REG (2Eh)
7.18
FIFO_SRC_REG (2Fh)
Table 46. FIFO_CTRL_REG register
FM1
FM0
TR
FTH4
FTH3
FTH2
FTH1
FTH0
Table 47. FIFO_CTRL_REG description
FM[1:0]
FIFO mode selection. Default value: 00 (see
Table 48)
TR
Trigger selection. Default value: 0
0: trigger event allows triggering signal on INT1
1: trigger event allows triggering signal on INT2
FTH[4:0]
Default value: 00000
Table 48. FIFO mode configuration
FM1
FM0
FIFO mode
0
0
Bypass mode
0
1
FIFO mode
1
0
Stream mode
1
1
Stream-to-FIFO mode
Table 49. FIFO_SRC_REG register
WTM
OVRN_FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com