Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DHTR Datasheet(PDF) 41 Page - STMicroelectronics

Part # IIS2DHTR
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DHTR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button IIS2DHTR Datasheet HTML 37Page - STMicroelectronics IIS2DHTR Datasheet HTML 38Page - STMicroelectronics IIS2DHTR Datasheet HTML 39Page - STMicroelectronics IIS2DHTR Datasheet HTML 40Page - STMicroelectronics IIS2DHTR Datasheet HTML 41Page - STMicroelectronics IIS2DHTR Datasheet HTML 42Page - STMicroelectronics IIS2DHTR Datasheet HTML 43Page - STMicroelectronics IIS2DHTR Datasheet HTML 44Page - STMicroelectronics IIS2DHTR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
DocID027668 Rev 2
41/49
IIS2DH
Register description
49
7.22
INT1_DURATION (33h)
The D[6:0] bits set the minimum duration of the interrupt 1 event to be recognized. Duration
steps and maximum values depend on the ODR chosen.
Duration time is measured in N/ODR, where N is the content of the duration register.
7.23
INT2_CFG (34h)
Table 57. INT1_THS description
THS[6:0]
Interrupt 1 threshold. Default value: 000 0000
1 LSb = 16 mg @ FS = 2 g
1 LSb = 32 mg @ FS = 4 g
1 LSb = 62 mg @ FS = 8 g
1 LSb = 186 mg @ FS = 16 g
Table 58. INT1_DURATION register
0
D6D5D4D3D2D1D0
Table 59. INT1_DURATION description
D[6:0]
Duration value. Default value: 000 0000
1 LSb = 1/ODR
Table 60. INT2_CFG register
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
Table 61. INT2_CFG description
AOI
AND/OR combination of interrupt events. Default value: 0
(see Table 62)
6D
6-direction detection function enabled. Default value: 0. Refer to Table 62.
ZHIE
Enable interrupt generation on Z high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
ZLIE
Enable interrupt generation on Z low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
YHIE
Enable interrupt generation on Y high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com