Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L20G20IS Datasheet(PDF) 12 Page - STMicroelectronics

Part # L20G20IS
Description  Ultra-compact two-axis gyroscope for optical image stabilization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L20G20IS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L20G20IS Datasheet HTML 8Page - STMicroelectronics L20G20IS Datasheet HTML 9Page - STMicroelectronics L20G20IS Datasheet HTML 10Page - STMicroelectronics L20G20IS Datasheet HTML 11Page - STMicroelectronics L20G20IS Datasheet HTML 12Page - STMicroelectronics L20G20IS Datasheet HTML 13Page - STMicroelectronics L20G20IS Datasheet HTML 14Page - STMicroelectronics L20G20IS Datasheet HTML 15Page - STMicroelectronics L20G20IS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Terminology and functionality
L20G20IS
12/29
DocID029474 Rev 2
3
Terminology and functionality
3.1
Sensitivity
An angular rate gyroscope is a device that produces a positive-going digital output for
counterclockwise rotation around the sensitive axis considered. Sensitivity describes the
gain of the sensor and can be determined by applying a defined angular velocity to it. This
value changes very little over temperature and time.
3.2
Zero-rate level
The zero-rate level describes the actual output signal if there is no angular rate present. The
zero-rate level of highly accurate MEMS sensors is, to some extent, a result of stress to the
sensor and therefore the zero-rate level can slightly change after mounting the sensor on a
printed circuit board or after exposing it to extensive mechanical stress. This value changes
very little over temperature and time.
3.3
Data-ready interrupt and synchronous reading
On the L20G20IS the angular rate data can be retrieved using a synchronous read. To
perform a synchronous read, CTRL4_OIS (0Eh R/W) (DRDY_EN) has to be set to '1' in
order to enable the data-ready interrupt on the DRDY pin (refer to Figure 5). To properly
perform a synchronous read, the angular rate data have to be read every time the DRDY pin
goes high.
The DRDY signal can be latched (default condition) or pulsed if CTRL1_OIS (0Bh
R/W)(DR_DRDY) is set to '1'. When a latched condition is selected, the interrupt goes low
when the high part of one of the output channels is read X-axis angular rate data. The value
is expressed as two’s complement. or DATA_STATUS_OIS (0Ah R) and returns high when
new data is generated. When a pulsed condition is selected, the interrupt behavior is
independent from the read operations and remains high for 75 μsec every time new data is
generated. The DRDY pin is set by default as push-pull output, but it can be configured as
open-drain output by setting CTRL4_OIS (0Eh R/W) (DRDY_OD) to '1'.
3.4
Temperature sensor
The temperature data can be retrieved from the TEMP_OUT_L (01h R), TEMP_OUT_H
(02h R) registers, as two's complement data in 12-bit format left-justified. The output of the
temperature sensor is 0 at 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com