Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L20G20IS Datasheet(PDF) 24 Page - STMicroelectronics

Part # L20G20IS
Description  Ultra-compact two-axis gyroscope for optical image stabilization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L20G20IS Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L20G20IS Datasheet HTML 20Page - STMicroelectronics L20G20IS Datasheet HTML 21Page - STMicroelectronics L20G20IS Datasheet HTML 22Page - STMicroelectronics L20G20IS Datasheet HTML 23Page - STMicroelectronics L20G20IS Datasheet HTML 24Page - STMicroelectronics L20G20IS Datasheet HTML 25Page - STMicroelectronics L20G20IS Datasheet HTML 26Page - STMicroelectronics L20G20IS Datasheet HTML 27Page - STMicroelectronics L20G20IS Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Register description
L20G20IS
24/29
DocID029474 Rev 2
8.11
OFF_Y (10h R/W)
Table 31. OFF_Y register
Table 32. OFF_Y register description
Calibration step is 0.98 dps/LSB.
8.12
OIS_CFG_REG (1Fh R/W)
0(1)
1. This bit must be set to ‘0’ for proper operation of the device
OFFY6
OFFY5
OFFY4
OFFY3
OFFY2
OFFY1
OFFY0
OFFY [6:0]
User offset correction for Y-axis. Default 000 0000
The value is expressed at two’s complement
Table 33. OIS_CFG register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device
0(1)
0(1)
0(1)
FS_SEL
0(1)
HPF_BW[1]
HPF_BW[0]
Table 34. OIS_CFG register description
FS_SEL
Full-scale selection. Default value: 0
(0: ±100 dps; 1: ±200 dps)
HPF_BW[1:0]
Digital HPF cutoff selection. Refer to Table 35: Digital HPF configuration
Table 35. Digital HPF configuration
HPF_BW[1:0]
HPF cutoff [Hz]
00
0.023
01
0.091
10
0.324
11
1.457



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com