Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L20G20IS Datasheet(PDF) 13 Page - STMicroelectronics

Part # L20G20IS
Description  Ultra-compact two-axis gyroscope for optical image stabilization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L20G20IS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L20G20IS Datasheet HTML 9Page - STMicroelectronics L20G20IS Datasheet HTML 10Page - STMicroelectronics L20G20IS Datasheet HTML 11Page - STMicroelectronics L20G20IS Datasheet HTML 12Page - STMicroelectronics L20G20IS Datasheet HTML 13Page - STMicroelectronics L20G20IS Datasheet HTML 14Page - STMicroelectronics L20G20IS Datasheet HTML 15Page - STMicroelectronics L20G20IS Datasheet HTML 16Page - STMicroelectronics L20G20IS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DocID029474 Rev 2
13/29
L20G20IS
L20G20IS filtering chain
29
4
L20G20IS filtering chain
The filtering chain for the L20G20IS appears in the figure below.
Figure 4. Filtering chain block diagram
Table 8. Digital LPF configuration
LPF_BW2
LPF_BW1
LPF_BW0
LPF BW [Hz]
Phase delay [°]
0
0
0
290
7 @ 20 Hz
0
0
1
210
9 @ 20 Hz
0
1
0
160
11 @ 20 Hz
0
1
1
450
5 @ 20 Hz
1
x
x
1150
1 @ 10 Hz
Table 9. Digital HPF configuration
HPF_BW[1:0]
HPF cutoff [Hz]
00
0.023
01
0.091
10
0.324
11
1.457



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com