Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7294 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7294 Datasheet HTML 2Page - Analog Devices AD7294 Datasheet HTML 3Page - Analog Devices AD7294 Datasheet HTML 4Page - Analog Devices AD7294 Datasheet HTML 5Page - Analog Devices AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 5 of 47
SPECIFICATIONS
DAC SPECIFICATIONS
AVDD = DVDD = 4.5 V to 5.5 V, AGND = DGND = 0 V, internal 2.5 V reference; VDRIVE = 2.7 V to 5.5 V; TA =−40°C to +105°C, unless
otherwise noted. DAC OUTV+ AB and DAC OUTV+ CD = 4.5 V to 16.5 V, OFFSET IN x is floating, therefore, the DAC output
span = 0 V to 5 V.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY
Resolution
12
Bits
Relative Accuracy (INL)
±1
±3
LSB
Differential Nonlinearity (DNL)
±0.3
±1
LSB
Guaranteed monotonic
Zero-Scale Error
2.5
8
mV
Full-Scale Error of DAC and
Output Amplifier
15.51
mV
DAC OUTV+ = 5.0 V
Full-Scale Error of DAC
2
mV
DAC OUTV+ = 15.0 V
Offset Error
±8.575
mV
Measured in the linear region, TA = −40°C to +105°C
±2
mV
Measured in the linear region, TA = 25°C
Offset Error Temperature
Coefficient
±5
ppm/°C
Gain Error
±0.025
±0.155
% FSR
Gain Temperature Coefficient
±5
ppm/°C
DAC OUTPUT CHARACTERISTICS
Output Voltage Span
0
2 × VREF
V
0 V to 5 V for a 2.5 V reference
Output Voltage Offset
0
10
V
The output voltage span can be positioned in the 0 V to
15 V range; if the OFFSET IN x is left floating, the offset
pin = 2/3 × VREF , giving an output of 0 V to 2 × VREF
Offset Input Pin Range
0
5
VOUT = 3 VOFFSET − 2 × VREF + VDAC
DC Input Impedance2
75
kΩ
100 kΩ to VREF, and 200 kΩ to AGND, see Figure 48
Output Voltage Settling Time2
8
µs
1/4 to 3/4 change within 1/2 LSB, measured from last
SCL edge
Slew Rate2
1.1
V/µs
Short-Circuit Current2
40
mA
Full-scale current shorted to ground
Load Current2
±10
mA
Source and/or sink within 200 mV of supply
Capacitive Load Stability2
10
nF
RL = ∞
DC Output Impedance2
1
Ω
REFERENCE
Reference Output Voltage
2.49
2.5
2.51
V
±0.4% maximum at 25°C, AVDD = DVDD = 4.5 V to 5.5 V
Reference Input Voltage Range
0
AVDD − 2
V
Input Current
100
125
µA
VREF = 2.5 V
Input Capacitance2
20
pF
VREF Output Impedance2
25
Ω
Reference Temperature
Coefficient
10
25
ppm/°C
1
This value indicates that the DAC output amplifiers can output voltages 15.5 mV below the DAC OUTV+ supply. If higher DAC OUTV+ supply voltages are used, the
full-scale error of the DAC is typically 2 mV with no load.
2
Samples are tested during initial release to ensure compliance; they are not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com