Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7294 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7294 Datasheet HTML 3Page - Analog Devices AD7294 Datasheet HTML 4Page - Analog Devices AD7294 Datasheet HTML 5Page - Analog Devices AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 6 of 47
ADC SPECIFICATIONS
AVDD = DVDD = 4.5 V to 5.5 V, AGND = DGND = 0 V, VREF = 2.5 V internal or external; VDRIVE = 2.7 V to 5.5 V; VPP = AVDD to 59.4 V;
TA = −40°C to +105°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)1
±0.5
±1
LSB
Differential mode
±0.5
±1.5
LSB
Single-ended or pseudo differential mode
Differential Nonlinearity (DNL)1
±0.5
±0.99
LSB
Differential, single-ended, and pseudo differential
modes
Single-Ended Mode
Offset Error
±1
±7
LSB
Offset Error Match
±0.4
LSB
Gain Error
±0.5
±2.5
LSB
Gain Error Match
±0.4
LSB
Differential Mode
Positive Gain Error
±1
LSB
Positive Gain Error Match
±0.5
LSB
Zero Code Error
±3
LSB
Zero Code Error Match
±0.5
LSB
Negative Gain Error
±1
LSB
Negative Gain Error Match
±0.5
LSB
CONVERSION RATE
Conversion Time2
3
μs
Autocycle Update Rate2
50
μs
Throughput Rate
22.22
kSPS
fSCL = 400 kHz
ANALOG INPUT3
Single-Ended Input Range
0
VREF
V
0 V to VREF mode
0
2 × VREF
V
0 V to 2 × VREF mode
Pseudo Differential Input Range: VIN+ − VIN−4
0
VREF
0 V to VREF mode
0
2 × VREF
0 V to 2 × VREF mode
Fully Differential Input Range: VIN+ − VIN−
−VREF
+VREF
0 V to VREF mode
−2 × VREF
+2 × VREF
0 V to 2 × VREF mode
Input Capacitance2
30
pF
DC Input Leakage Current
±1
µA
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio (SNR)1
73
dB
fIN = 10 kHz sine wave; differential mode
72
dB
fIN = 10 kHz sine wave; single-ended and pseudo
differential modes
Signal-to-Noise + Distortion (SINAD) Ratio1
71.5
dB
fIN = 10 kHz sine wave; differential mode
72.5
dB
fIN = 10 kHz sine wave; single-ended and pseudo
differential modes
Total Harmonic Distortion (THD)1
−81
dB
fIN = 10 kHz sine wave; differential mode
−79
dB
fIN = 10 kHz sine wave; single-ended and pseudo
differential modes
Spurious-Free Dynamic Range (SFDR)1
−81
dB
fIN = 10 kHz sine wave; differential mode
−79
fIN = 10 kHz sine wave; single-ended and pseudo
differential modes
Channel-to-Channel Isolation2
−90
dB
fIN = 10 kHz to 40 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com