Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7294 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7294 Datasheet HTML 5Page - Analog Devices AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 8 of 47
GENERAL SPECIFICATIONS
AVDD = DVDD = 4.5 V to 5.5 V, AGND = DGND = 0 V, VREF = 2.5 V internal or external; VDRIVE = 2.7 V to 5.5 V; VPP = AVDD to 59.4 V;
DAC OUTV+ AB and DAC OUTV+ CD = 4.5 V to 16.5 V; OFFSET IN x is floating, therefore, DAC output span = 0 V to 5 V;
TA = −40°C to +105°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VIH
0.7 VDRIVE
V
SDA, SCL only
Input Low Voltage, VIL
0.3 VDRIVE
V
SDA, SCL only
Input Leakage Current, IIN
±1
µA
Input Hysteresis, VHYST
0.05 VDRIVE
V
Input Capacitance, CIN
8
pF
Glitch Rejection
50
ns
Input filtering suppresses noise spikes of less
than 50 ns
I2C Address Pins Maximum External
Capacitance if Floating
30
pF
Tristate input
LOGIC OUTPUTS
SDA, ALERT
SDA and ALERT/BUSY are open-drain outputs
Output Low Voltage, VOL
0.4
V
ISINK = 3 mA
0.6
V
ISINK = 6 mA
Floating-State Leakage Current
±1
µA
Floating-State Output Capacitance
8
pF
ISENSE OVERRANGE
ISENSE OVERRANGE is a push-pull output
Output High Voltage, VOH
VDRIVE − 0.2
V
ISOURCE = 200 µA for push-pull outputs
Output Low Voltage, VOL
0.2
V
ISINK = 200 µA for push-pull outputs
Overrange Setpoint
VFS
VFS × 1.2
mV
VFS = ±VREF ADC/12.5
POWER REQUIREMENTS
VPP
AVDD
59.4
V
AVDD
4.5
5.5
V
V(+)
4.5
16.5
V
DVDD
4.5
5.5
V
Tie DVDD to AVDD
VDRIVE
2.7
5.5
V
IDD Dynamic
5.3
6.5
mA
AVDD + DVDD + VDRIVE, DAC outputs unloaded
DAC OUTV+ x, IDD
0.6
1.2
mA
At midscale output voltage, DAC outputs
unloaded
Power Dissipation
70
105
mW
Power-Down
IDD
0.5
1
µA
For each AVDD and VDRIVE
DIDD
1
16.5
µA
DAC OUTV+ x, IDD
35
60
µA
Power Dissipation
2.5
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com