Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000BCPZ Datasheet(PDF) 48 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 44Page - Analog Devices ADAS1000BCPZ Datasheet HTML 45Page - Analog Devices ADAS1000BCPZ Datasheet HTML 46Page - Analog Devices ADAS1000BCPZ Datasheet HTML 47Page - Analog Devices ADAS1000BCPZ Datasheet HTML 48Page - Analog Devices ADAS1000BCPZ Datasheet HTML 49Page - Analog Devices ADAS1000BCPZ Datasheet HTML 50Page - Analog Devices ADAS1000BCPZ Datasheet HTML 51Page - Analog Devices ADAS1000BCPZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Common Mode
The ADAS1000/ADAS1000-1 have a dedicated CM_OUT pin
serving as an output and a CM_IN pin as an input. In gang
mode, the master device determines the common-mode voltage
based on the selected input electrodes. This common-mode
signal (on CM_OUT) can then be used by subsequent slave
devices (applied to CM_IN) as the common-mode reference.
All electrodes within the slave device are then measured with
respect to the CM_IN signal from the master device. See the
CMREFCTL register in Table 32 for more details on the control
via the serial interface. Figure 77 shows the connections
between a master and slave device using multiple
ADAS1000/ADAS1000-2 devices.
Right Leg Drive
The right leg drive comes from the master device. If the internal
RLD resistors of the slave device are to contribute to the RLD
loop, tie the RLD_SJ pins of master and slave together.
Sequencing Devices into Gang Mode
When entering gang mode with multiple devices, both
devices can be configured for operation, but the conversion
enable bit (ECGCTL register, Bit 2, Table 28) of the master
device should be set after the conversion enable bit of the
slave device. When the master device conversion signal is set,
the master device generates one edge on its SYNC_GANG
pin. This applies to any slave SYNC_GANG inputs, allowing
the devices to synchronize ADC conversions.
Figure 77. Configuring Multiple Devices to Extend Number of Electrodes/Leads
(This Example Uses ADAS1000 as Master and ADAS1000-2 as Slave. Similarly the ADAS1000-1 Could be Used as Master.)
SYNC_GANG
TAKE LEAD
DATA
TAKE
ELECTRODE
DATA
ELECTRODES
×5
VREF
REFOUT
REFIN
CAL_DAC_IO
AMP
AMP
ADC
RESPIRATION PATH
MUXES
AC
LEAD-OFF
DAC
ADC
5 × ECG PATH
FILTERS,
CONTROL,
AND
INTERFACE
LOGIC
PACE
DETECTION
CS
SCLK
SDI
SDO
DRDY
LEAD-OFF
DETECTION
COMMON-
MODE AMP
DRIVEN
LEAD AMP
SHIELD
DRIVE
AMP
SHIELD
RLD_OUT
CM_IN
XTAL1
XTAL2
IOVDD
CLOCK GEN/OSC/
EXTERNAL CLK
SOURCE
EXT RESP_LA
EXT RESP LL
VCM_REF
(1.3V)
CLK_IO
AVDD
ADCVDD
DVDD
EXT RESP_RA
CM_OUT/
WCT
AC
LEAD-OFF
DAC
10kΩ
ADCVDD, DVDD
1.8V
REGULATORS
(optional)
(optional)
ADAS1000
CAL_DAC_IN
CM_IN
SYNC_GANG
ELECTRODES
×5
AMP
MUXES
ADC
5 × ECG PATH
FILTERS,
CONTROL,
AND
INTERFACE
LOGIC
PACE
DETECTION
CS
SCLK
SDI
SDO
DRDY
LEAD-OFF
DETECTION
COMMON-
MODE AMP
RLD_SJ
IOVDD
CLOCK GEN/OSC/
EXTERNAL CLK
SOURCE
VCM_REF
(1.3V)
CLK_IO
AVDD
ADCVDD
DVDD
ADCVDD, DVDD
1.8V
REGULATORS
(optional)
(optional)
ADAS1000-2
SLAVE
CALIBRATION
DAC
RESPIRATION
DAC
VREF
REFOUT
REFIN
Rev. B | Page 48 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com