Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 2Page - Analog Devices ADAS1000BCPZ Datasheet HTML 3Page - Analog Devices ADAS1000BCPZ Datasheet HTML 4Page - Analog Devices ADAS1000BCPZ Datasheet HTML 5Page - Analog Devices ADAS1000BCPZ Datasheet HTML 6Page - Analog Devices ADAS1000BCPZ Datasheet HTML 7Page - Analog Devices ADAS1000BCPZ Datasheet HTML 8Page - Analog Devices ADAS1000BCPZ Datasheet HTML 9Page - Analog Devices ADAS1000BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Gain Matching
−0.1
+0.02
+0.1
%
GAIN 0 to GAIN 2
−0.5
+0.1
+0.5
%
GAIN 3
Gain Tempco1
25
ppm/°C
Input Referred Noise1
GAIN 2, 2 kHz data rate, see Table 4
Analog Lead Mode
6
μV p-p
0.5 Hz to 40 Hz; high performance mode
10
μV p-p
0.05 Hz to 150 Hz; high performance mode
12
μV p-p
0.05 Hz to 150 Hz; low power mode
Electrode Mode
11
μV p-p
0.05 Hz to 150 Hz; high performance mode
12
μV p-p
0.05 Hz to 150 Hz; low power mode
Digital Lead Mode
14
μV p-p
0.05 Hz to 150 Hz; high performance mode
16
μV p-p
0.05 Hz to 150 Hz; low power mode
Power Supply Sensitivity2
100
dB
At 120 Hz
Analog Channel Bandwidth1
65
kHz
Dynamic Range1
104
dB
GAIN 0, 2 kHz data rate, −0.5 dBFS input signal, 10 Hz
Signal-to-Noise Ratio1
100
dB
−0.5 dB FS input signal
COMMON-MODE INPUT
CM_IN pin
Input Voltage Range
0.3
2.3
V
Input Impedance2
1||10
GΩ||pF
Input Bias Current
−40
±1
+40
nA
Over operating range; dc and ac lead-off disabled
−200
+200
nA
AGND to AVDD
COMMON-MODE OUTPUT
CM_OUT pin
VCM_REF
1.28
1.3
1.32
V
Internal voltage; independent of supply
Output Voltage, VCM
0.3
1.3
2.3
V
No dc load
Output Impedance1
0.75
kΩ
Not intended to drive current
Short Circuit Current1
4
mA
Electrode Summation
Weighting Error2
1
%
Resistor matching error
RESPIRATION FUNCTION
(ADAS1000 ONLY)
These specifications apply to the following pins:
EXT_RESP_LA, EXT_RESP_LL, EXT_RESP_RA and selected
internal respiration paths (Lead I, Lead II, Lead III)
Input Voltage Range
0.3
2.3
V
AC-coupled, independent of supply
Input Voltage Range (Linear
Operation)
1.8/gain
V p-p
Programmable gain (10 states)
Input Bias Current
−10
±1
+10
nA
Applies to EXT_RESP_xx pins over AGND to AVDD
Input Referred Noise1
0.85
μV rms
Frequency2
46.5 to 64
kHz
Programmable frequency, see Table 30
Excitation Current
Respiration drive current corresponding to differential
voltage programmed by RESPAMP bits in RESPCTL
register. Internal respiration mode, cable 5 kΩ/200 pF,
1.2 kΩ chest impedance
64
μA p-p
Drive Range A
32
μA p-p
Drive Range B2
16
μA p-p
Drive Range C2
8
μA p-p
Drive Range D2
Resolution2
24
bits
Update rate 125 Hz
Measurement Resolution1
0.2
Ω
Cable <5 kΩ/200 pF per electrode, body resistance
modeled as 1.2 kΩ
0.02
Ω
No cable impedance, body resistance modeled as 1.2 kΩ
In-Amp Gain1
1 to 10
Digitally programmable in steps of 1
Gain Error
1
%
LSB weight for GAIN 0 setting
Gain Tempco1
25
ppm/C
RIGHT LEG DRIVE/DRIVEN LEAD
(ADAS1000/ADAS1000-1 ONLY)
Output Voltage Range
0.2
AVDD − 0.2
V
RLD_OUT Short Circuit Current
−5
±2
+5
mA
External protection resistor required to meet regulatory
patient current limits; output shorted to AVDD/AGND
Closed-Loop Gain Range2
25
V/V
Slew Rate2
200
mV/ms
Input Referred Noise1
8
μV p-p
0.05 Hz to 150 Hz
Amplifier GBP2
1.5
MHz
Rev. B | Page 6 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com