Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTRBRASR Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTRBRASR
Description  Multi CHIPLED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRBRASR Datasheet(HTML) 1 Page - OSRAM GmbH

  LTRBRASR Datasheet HTML 1Page - OSRAM GmbH LTRBRASR Datasheet HTML 2Page - OSRAM GmbH LTRBRASR Datasheet HTML 3Page - OSRAM GmbH LTRBRASR Datasheet HTML 4Page - OSRAM GmbH LTRBRASR Datasheet HTML 5Page - OSRAM GmbH LTRBRASR Datasheet HTML 6Page - OSRAM GmbH LTRBRASR Datasheet HTML 7Page - OSRAM GmbH LTRBRASR Datasheet HTML 8Page - OSRAM GmbH LTRBRASR Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LTRB RASR
Multi CHIPLED
Datasheet
Version 
2017-05-15
1
Merkmale
• Gehäusetyp: SMD-Gehäuse mit
Silikonverguss
• Farbe: weiß, x = 0,249, y = 0,208 nach
CIE 1931 (weiß)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Chiptechnologie: ThinGaN UX:3(true grün,
blau) / Thinfilm (rot)
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 2
• ESD-Festigkeit: ESD-sensitiv
Hauptanwendungen
• Pachinkomarkt
• Getrennte Anteuerung der Leuchtdiodenchips
zur Darstellung verschiedener Farben inclusive
weiß
• Hinterleuchtung (LCD, Schalter, Tasten, Wer-
bebeleuchtung, Allgemeinbeleuchtung)
• Einkopplung in Lichtleiter
Features
• package: SMD package with silicone resin
• color: white, x = 0.249, y = 0.208 acc. to
CIE 1931 (white)
• viewing angle: Lambertian Emitter (120°)
• chiptechnology: ThinGaN UX:3 (true green,
blue) / Thinfilm (red)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 2
• ESD-withstand voltage: sensitive device
Main Applications
• pachinko market
• LED chips can be controlled seperately to
display various colors including white
• backlighting (LCD, switches, keys, illuminated
advertising, general lighting)
•
coupling into light guides


Similar Part No. - LTRBRASR

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTRBRASF OSRAM-LTRBRASF Datasheet
1Mb / 23P
Multi CHIPLED
LTRBRASF-5B5C-0112 OSRAM-LTRBRASF-5B5C-0112 Datasheet
1,002Kb / 23P
SMD package with silicone resin
LTRBRASF-5B5C-0112 OSRAM-LTRBRASF-5B5C-0112 Datasheet
1Mb / 23P
Multi CHIPLED
logo
ams-OSRAM AG
LTRBRASF-6B6C-0112 AMSOSRAM-LTRBRASF-6B6C-0112 Datasheet
2Mb / 29P
Multi Chip LED
2024-11-04
More results

Similar Description - LTRBRASR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
CHIPLED
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
CHIPLED
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
Miniature ChipLED
logo
OSRAM GmbH
LRTBR48G OSRAM-LRTBR48G Datasheet
1Mb / 30P
Multi CHIPLED
LRTBR98G OSRAM-LRTBR98G_18 Datasheet
1Mb / 25P
Multi CHIPLED
LTRBRASF OSRAM-LTRBRASF Datasheet
1Mb / 23P
Multi CHIPLED
logo
Broadcom Corporation.
HSMR-C170-R0000 BOARDCOM-HSMR-C170-R0000 Datasheet
1Mb / 10P
Blue ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com