Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTRBRASR Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LTRBRASR
Description  Multi CHIPLED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRBRASR Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LTRBRASR Datasheet HTML 10Page - OSRAM GmbH LTRBRASR Datasheet HTML 11Page - OSRAM GmbH LTRBRASR Datasheet HTML 12Page - OSRAM GmbH LTRBRASR Datasheet HTML 13Page - OSRAM GmbH LTRBRASR Datasheet HTML 14Page - OSRAM GmbH LTRBRASR Datasheet HTML 15Page - OSRAM GmbH LTRBRASR Datasheet HTML 16Page - OSRAM GmbH LTRBRASR Datasheet HTML 17Page - OSRAM GmbH LTRBRASR Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Version 
LTRB RASR
2017-05-15
14
Relative Lichtstärke
8) Seite 23
Relative Luminous Intensity
8) page 23
I
V/IVgroup = f (IF/IFgroup); TS = 25 °C
Relative Lichtstärke
8) Seite 23
Relative Luminous Intensity
8) page 23
I
V/IV(25°C) = f (T
j); IF = IFgroup
Farbortverschiebung
8) Seite 23
Chromaticity Coordinate Shift
8) page 23
Cx, Cy =
f (I
F/IFgroup); TS = 25 °C
Farbortverschiebung
8) Seite 23
Chromaticity Coordinate Shift
8) page 23
Cx, Cy =
f (T
j); IF = IFgroup
LTRBRASF
IF [mA]
0.4
0.6
0.8
1.0
1.2
1.4
IV
IV(IF group )
: white
LTRBRASF
-40 -20
0
20406080
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Iv
Iv(25 °C)
: white
LTRBRASF
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: Δ Cx
: Δ Cy
LTRBRASF
-40 -20
0
20406080
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com