Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77816 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX77816 Datasheet HTML 6Page - Maxim Integrated Products MAX77816 Datasheet HTML 7Page - Maxim Integrated Products MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products MAX77816 Datasheet HTML 10Page - Maxim Integrated Products MAX77816 Datasheet HTML 11Page - Maxim Integrated Products MAX77816 Datasheet HTML 12Page - Maxim Integrated Products MAX77816 Datasheet HTML 13Page - Maxim Integrated Products MAX77816 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
H-Bridge Controller
H-Bridge architecture operates at 2.5MHz fixed frequency
with a pulse width modulated (PWM), current-mode con-
trol scheme. This topology is in a cascade of a boost
regulator and a buck regulator using a single inductor
and output capacitor. Buck, buck-boost, and boost stages
are 100% synchronous for highest efficiency in portable
applications.
There are three phases implemented with the H-bridge
switch topology, as shown in Figure 3:
● Φ1 Switch period (Phase-1: HS1 = ON, LS2 =
ON) stores energy in the inductor, ramping up the
inductor current at a rate proportional to the input volt-
age divided by inductance; VINBB/L.
● Φ2 Switch period (Phase-2: HS1 = ON, HS2 = ON)
ramps the inductor current up or down, depending on
the differential voltage across the inductor, divided by
inductance; ±(VINBB – VOUTBB)/L.
● Φ3 Switch period (Phase-3: LS1 = ON, HS2 = ON)
ramps down the inductor current at a rate proportional to
the output voltage divided by inductance; -VOUTBB /L.
2-Phase buck topology is utilized when VINBB > VOUTBB.
A switching cycle is completed in one clock period. Switch
period Φ2 is followed by switch period Φ3, resulting in an
inductor current waveform similar to Figure 4.
2-Phase boost topology is utilized when VINBB < VOUTBB.
A switching cycle is completed in one clock period. Switch
period Φ1 is followed by switch period Φ2, resulting in an
inductor current waveform similar to Figure 5.
Figure 4. 2-Phase Buck Mode Switching Current Waveforms
Figure 5. 2-Phase Boost Mode Switching Current Waveforms
Figure 3. Buck-Boost Switching Intervals
CLK
CLK
TSW
Ф2
Ф3
TSW
Ф2
Ф3
CLK
TSW
Ф2
Ф1
TSW
Ф2
Ф1
CLK
CLK
CLK
Ф 1
Ф 2
Ф 3
INBB
HS1
LS1
L
LXBB1
CHARGE L
DISCHARGE L
CHARGE/DISCHARGE L
OUTBB
HS2
LS2
LXBB2
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com