Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77816 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX77816 Datasheet HTML 9Page - Maxim Integrated Products MAX77816 Datasheet HTML 10Page - Maxim Integrated Products MAX77816 Datasheet HTML 11Page - Maxim Integrated Products MAX77816 Datasheet HTML 12Page - Maxim Integrated Products MAX77816 Datasheet HTML 13Page - Maxim Integrated Products MAX77816 Datasheet HTML 14Page - Maxim Integrated Products MAX77816 Datasheet HTML 15Page - Maxim Integrated Products MAX77816 Datasheet HTML 16Page - Maxim Integrated Products MAX77816 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Slave Address
I2C slave address of the IC is shown in Table 3.
Clock Stretching
In general, the clock signal generation for the I2C bus is
the responsibility of the master device. I2C specification
allows slow slave devices to alter the clock signal by
holding down the clock line. The process in which a slave
device holds down the clock line is typically called clock
stretching. The IC does not use any form of clock stretch-
ing to hold down the clock line.
General Call Address
The IC does not implement I2C specification called
general call address. If the IC sees general call address
(00000000b), it will not issue an ACKNOWLEDGE (A).
Communication Speed
The IC provides I2C 3.0-compatible (3.4MHz) serial inter-
face.
● 0Hz to 100kHz (standard mode)
● 0Hz to 400kHz (fast mode)
● 0Hz to 1MHz (fast mode plus)
Operating in standard mode, fast mode, and fast mode
plus does not require any special protocols. The main
consideration when changing the bus speed through this
range is the combination of the bus capacitance and pul-
lup resistors. Higher time constants created by the bus
capacitance and pullup resistance (C x R) slow the bus
operation. Therefore, when increasing bus speeds, the
pullup resistance must be decreased to maintain a rea-
sonable time constant. Refer to the Pullup Resistor Sizing
section of I2C revision 3.0 specification for detailed guid-
ance on the pullup resistor selection. In general, for bus
capacitances of 200pF, a 100kHz bus needs 5.6kΩ pul-
lup resistors, a 400kHz bus needs about a 1.5kΩ pullup
resistors, and a 1MHz bus needs 680Ω pullup resistors.
Note that the pullup resistor is dissipating power when the
open-drain bus is low. The lower the value of the pullup
resistor, the higher the power dissipation (V2/R).
At power-up and after each STOP condition, the IC inputs
filters are set for standard mode, fast mode, or fast mode
plus (i.e. 0Hz to 1MHz).
Communication Protocols
The IC supports both writing and reading from its regis-
ters. The following sections show the I2C communication
protocols for each functional block. The power block uses
the same communications protocols.
Writing to a Single Register
Figure 10 shows the protocol for I2C master device to
write one byte of data to the IC. This protocol is the same
as SMBus specification’s write byte protocol.
The write byte protocol is as follows:
1) The master sends a START command (S).
2) The master sends the 7-bit slave address followed by
a write bit (R/nW = 0).
3) The addressed slave asserts an ACKNOWLEDGE
(A) by pulling SDA low.
4) The master sends an 8-bit register pointer.
5) The slave acknowledges the register pointer.
6) The master sends a data byte.
7) The slave acknowledges the data byte. At the rising
edge of SCL, the data byte will be loaded into its tar-
get register and the data will become active.
8) The master sends a STOP condition (P) or a
REPEATED START condition (Sr). Issuing a P
ensures that the bus input filters are set for 1MHz or
slower operation. Issuing a REPEATED START (Sr)
leaves the bus input filters in their current state.
Figure 9. Slave Address Byte Example
Table 3. I2C Slave Address
SLAVE ADDRESS (7 bit)
SLAVE ADDRESS (Write)
SLAVE ADDRESS (Read)
001 1000 (7’h18)
0x30 (0011 0000)
0x31 (0011 0001)
S
SCL
SDA
1
2
3
0
1
1
8
9
ACKNOWLEDGE
4
5
6
7
0
0
0
R/W
A
0
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com