Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77816 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX77816 Datasheet HTML 1Page - Maxim Integrated Products MAX77816 Datasheet HTML 2Page - Maxim Integrated Products MAX77816 Datasheet HTML 3Page - Maxim Integrated Products MAX77816 Datasheet HTML 4Page - Maxim Integrated Products MAX77816 Datasheet HTML 5Page - Maxim Integrated Products MAX77816 Datasheet HTML 6Page - Maxim Integrated Products MAX77816 Datasheet HTML 7Page - Maxim Integrated Products MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SYS to GND .........................................................-0.3V to +6.0V
INBB, OUTBB to PGNDBB ..................................-0.3V to +6.0V
PGNDBB to GND .................................................-0.3V to +0.3V
SCL, SDA to GND .................................. -0.3V to (VSYS + 0.3V)
EN, GPIO to GND .................................. -0.3V to (VSYS + 0.3V)
FB_BB to GND...................................-0.3V to (VOUTBB + 0.3V)
LXBB1 to PGNDBB............................... -0.3V to (VINBB + 0.3V)
LXBB2 to PGNDBB............................-0.3V to (VOUTBB + 0.3V)
LXBB1/LXBB2 Continuous RMS Current (Note 1) ..............4.8A
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Soldering Temperature (reflow).......................................+260°C
Continuous Power Dissipation at TA = +70°C
(Derate 23.8mW/°C above +70°C) ...........................1905mW
Junction-to-Ambient Thermal Resistance (θJA).........55.49°C/W
(Note 2)
Note 1: LXBB1/LXBB2 node has internal clamp diodes to PGNDBB and INBB. Applications that give forward bias to these diodes
should ensure that the total power loss does not exceed the power dissipation limit of IC package.
(VSYS = VINBB = +3.8V, VFB_BB = VOUTBB = +3.3V, TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.)
(Note 3)
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Input Voltage Range
VINBB
2.3
5.5
V
Shutdown Supply Current
ISHDN_25C
EN = low, TA = +25°C
0.1
µA
ISHDN_85C
EN = low, TA = +85°C (Note 5)
1
Input Supply Current
IQ_SKIP
SKIP mode, no switching
40
60
µA
IQ_PWM
FPWM mode, no load
6
mA
Active Discharge Resistance
RDISCHG
100
Ω
Thermal Shutdown
TSHDN
Rising, 20°C hysteresis
+165
°C
H-BRIDGE
Output Voltage Range
VOUT
I2C programmable (20mV step)
2.60
5.14
V
Default Output Voltage
VOUT[6:0] = 0x28
3.4
V
Output Voltage Accuracy
VOUT_ACC1
PWM mode,
VOUT[6:0] = 0x28, no load
-1.0
+1.0
%
VOUT_ACC2
SKIP mode, VOUT[6:0] = 0x28,
no load, TA = +25°C
-1.0
+4.5
Line Regulation
VINBB = 2.3V to 5.5V
0.200
%/V
Load Regulation
(Note 4)
0.125
%/A
Line Transient Response
VOS1
VUS1
IOUT = 1.5A, VINB changes from 3.4V
to 2.9V in 25µs (20mV/µs), L = 1µH,
COUT_NOM = 47µF (Note 4)
50
mV
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com