Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 49Page - STMicroelectronics ST25DV04K Datasheet HTML 50Page - STMicroelectronics ST25DV04K Datasheet HTML 51Page - STMicroelectronics ST25DV04K Datasheet HTML 52Page - STMicroelectronics ST25DV04K Datasheet HTML 53Page - STMicroelectronics ST25DV04K Datasheet HTML 54Page - STMicroelectronics ST25DV04K Datasheet HTML 55Page - STMicroelectronics ST25DV04K Datasheet HTML 56Page - STMicroelectronics ST25DV04K Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 220 page
background image
DocID027603 Rev 4
53/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
When VCC is not present, or ST25DVxxx is in low power mode, all events are available on
GPO pin, assuming pull-up resistor is supplied with correct voltage (Open Drain-IE version)
or VDCG is powered (CMOS-JF version). Host can be waken up using GPO interrupt in any
power condition.
Exception is FIELD_CHANGE when RF field is falling, which can’t be reported on GPO
output if VCC is off (no power supply on ST25DVxxx)
5.2.3
GPO registers
Four registers are dedicated to this feature:
•
Two static registers in system configuration
•
Two dynamic registers
Table 16. GPO interrupt capabilities in function of RF field
RF field on
RF field off
GPO state is function of RF events(1)
1. If pull-up resistor is powered (Open Drain-IE version), and VDCG is powered (CMOS –JF
version).
GPO remains High-Z (OD) or tied low (CMOS)
Table 17. GPO interrupt capabilities in function of VCC power supply
GPO events
VCC OFF
VCC ON and
LPD high(1)
(low power mode)
1. For STM25DVxxK-JF only.
VCC ON and
LPD low(1)
FIELD_CHANGE if
RF field disappears
GPO remains High-Z (OD)
or tied low (CMOS)
Pulse emitted on GPO(2)
2. If pull-up resistor is powered (Open Drain-IE version) and VDCG is powered (CMOS-JF
version).
Pulse emitted on GPO
Any other activated
RF event
GPO state is function of
RF events(2)
GPO state is function of
RF events(2)
GPO state is function of
RF events(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com