Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 54Page - STMicroelectronics ST25DV04K Datasheet HTML 55Page - STMicroelectronics ST25DV04K Datasheet HTML 56Page - STMicroelectronics ST25DV04K Datasheet HTML 57Page - STMicroelectronics ST25DV04K Datasheet HTML 58Page - STMicroelectronics ST25DV04K Datasheet HTML 59Page - STMicroelectronics ST25DV04K Datasheet HTML 60Page - STMicroelectronics ST25DV04K Datasheet HTML 61Page - STMicroelectronics ST25DV04K Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
58/220
DocID027603 Rev 4
I2C host can write GPO and IT_TIME registers, after presenting a valid I2C password to
open I2C security session.
Enabling or disabling GPO output:
•
RF user and I2C host can disable or enable GPO output at power up time by writing in
GPO_EN bit 7 of GPO register (if write access is granted).
•
I2C host can temporarily enable or disable GPO output at any time by toggling
GPO_EN bit 7 of GPO_CTRL_Dyn register. No password is required to write into
GPO_CTRL_Dyn register.
•
Disabling GPO output by writing in GPO_EN bit (either in GPO or in GPO_CTRL_Dyn
registers) does not disable interruption report in IT_STS_Dyn status register.
Interruption pulse duration configuration:
•
Interrupt pulse duration is configured by writing pulse duration value in IT_TIME
register.
•
Pulse duration is calculated with the following equation
IT pulse duration equation:
Table 22. Enabling or disabling GPO interruptions
GPO bit 7:
GPO_EN
GPO_CTRL_Dyn bit 7:
GPO_EN
GPO output
0
0
GPO remains High-Z (OD) or tied low (CMOS)
1
0
GPO remains High-Z (OD) or tied low (CMOS)
0
1
Activated RF events are reported on GPO output(1)
1
1
Activated RF events are reported on GPO output(1)
1. If pull-up resistor is powered (Open Drain -IE version), and VDCG is powered (CMOS –JF version).
IT pulse duration
301
μs IT_TIME 37.65μs2μs
±
×
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com