Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 132Page - STMicroelectronics ST25DV04K Datasheet HTML 133Page - STMicroelectronics ST25DV04K Datasheet HTML 134Page - STMicroelectronics ST25DV04K Datasheet HTML 135Page - STMicroelectronics ST25DV04K Datasheet HTML 136Page - STMicroelectronics ST25DV04K Datasheet HTML 137Page - STMicroelectronics ST25DV04K Datasheet HTML 138Page - STMicroelectronics ST25DV04K Datasheet HTML 139Page - STMicroelectronics ST25DV04K Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
136/220
DocID027603 Rev 4
Response parameter:
•
Error code as Error_flag is set:
–
03h: Option not supported
–
0Fh: error with no information given
.
7.6.23
Extended Get System Info
When receiving the Extended Get System Info command, the ST25DVxxx sends back its
information data in the response.
The Option_flag is not supported. The Inventory_flag must be set to 0. The Extended Get
System Info can be issued in both Addressed and Non Addressed modes.
•
Request flags
•
Request parameters
•
UID (optional)
M
Figure 51. Get System Info frame exchange between VCD and ST25DVxxx
VCD
SOF
Get System Info
request
EOF
ST25DVxxx
<-t1-> SOF
Get System Info
response
EOF
Table 124. Extended Get System Info request format
Request
SOF
Request_flags
Extended
Get System
Info
Parameter
request field
UID(1)
1. Gray color means that the field is optional.
CRC16
Request
EOF
-
8 bits
3Bh
8 bits
64 bits
16 bits
-
Table 125. Parameter request list
Bit
Flag name
Value
Description
b1
DSFID
0
No request of DSFID
1
Request of DSFID
b2
AFI
0
No request of AFI
1
Request of AFI
b3
VICC memory size
0
No request of data field on VICC memory size
1
Request of data field on VICC memory size
b4
IC reference
0
No request of Information on IC reference
1
Request of Information on IC reference
b5
MOI
1
Information on MOI always returned in response flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com