Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2209 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM2209
Description  Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2209 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM2209 Datasheet HTML 4Page - STMicroelectronics UM2209 Datasheet HTML 5Page - STMicroelectronics UM2209 Datasheet HTML 6Page - STMicroelectronics UM2209 Datasheet HTML 7Page - STMicroelectronics UM2209 Datasheet HTML 8Page - STMicroelectronics UM2209 Datasheet HTML 9Page - STMicroelectronics UM2209 Datasheet HTML 10Page - STMicroelectronics UM2209 Datasheet HTML 11Page - STMicroelectronics UM2209 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
X-NUCLEO-OUT01A1 expansion board overview
UM2209
8/17
DocID030568 Rev 1
Figure 4: X-NUCLEO-OUT01A1 expansion board digital interface components
The four Arduino® UNO R3 connectors:
allow expansion board ISO8200QB communication with the STM32 Nucleo board
microcontroller and access to STM32 peripheral and GPIO resources.
provide digital supply voltage between the STM32 Nucleo development board and the
X-NUCLEO-OUT01A1 expansion board, in either direction.
To provide an external digital supply:
close jumper JP5 between pins 2 and 3 on the STM32 Nucleo development board
connect a 7 V to 12 V supply at screw connector J2 on the X-NUCLEO-OUT01A1
expansion board
2.2
Power section
The power section involves the power supply voltage, load connection and Electromagnetic
compatibility (EMC) protections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com