Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2209 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM2209
Description  Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2209 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM2209 Datasheet HTML 6Page - STMicroelectronics UM2209 Datasheet HTML 7Page - STMicroelectronics UM2209 Datasheet HTML 8Page - STMicroelectronics UM2209 Datasheet HTML 9Page - STMicroelectronics UM2209 Datasheet HTML 10Page - STMicroelectronics UM2209 Datasheet HTML 11Page - STMicroelectronics UM2209 Datasheet HTML 12Page - STMicroelectronics UM2209 Datasheet HTML 13Page - STMicroelectronics UM2209 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
X-NUCLEO-OUT01A1 expansion board overview
UM2209
10/17
DocID030568 Rev 1
2.4
Powering and initializing the board
To start working with the X-NUCLEO-OUT01A1 board:
1.
connect the micro-USB cable to your PC
2.
download the firmware version onto the microcontroller
3.
set the following jumper configurations on the STM32 Nucleo board:
Close jumpers SB62 and SB63
Open jumpers SB13 and SB14
4.
connect the ISO8200BQ device supply voltage via J1 on the X-NUCLEO-OUT01A1
5.
provide the digital supply voltage:
when connected to a PC: keep the micro-USB cable connected and close
jumper JP5 on the STM32 Nucleo board between pins 1 and 2.
in standalone mode: supply an external 7 V to 12 V via J2 on the X-NUCLEO-
OUT01A1 and close jumper JP5 on the STM32 Nucleo board between pins 2 and
3.
6.
connect the load on the output connector
7.
run the STM32 and push the blue button on STM32 Nucleo board to select the
example provided in the firmware package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com