Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2209 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM2209
Description  Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2209 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM2209 Datasheet HTML 5Page - STMicroelectronics UM2209 Datasheet HTML 6Page - STMicroelectronics UM2209 Datasheet HTML 7Page - STMicroelectronics UM2209 Datasheet HTML 8Page - STMicroelectronics UM2209 Datasheet HTML 9Page - STMicroelectronics UM2209 Datasheet HTML 10Page - STMicroelectronics UM2209 Datasheet HTML 11Page - STMicroelectronics UM2209 Datasheet HTML 12Page - STMicroelectronics UM2209 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
UM2209
X-NUCLEO-OUT01A1 expansion board overview
DocID030568 Rev 1
9/17
Figure 5: X-NUCLEO-OUT01A1 expansion board power section components
For EMC:
a Transil™ diode SMC30J30CA is placed on VCC track to protect the ISO8200BQ
against surge discharge
for common mode surge testing, solder two single-layer capacitors C1 and C3 (not
included) at the predisposed locations
22 nF capacitors are included on the output lines for burst disturbance filtering
To supply the load, connect the supply voltage to the J1 2-way screw connector.
The load is connected to the 8-way output.
2.3
Direct access and synchronised access
Supplementary direct access and synchronized access routines are provided to allow
further evaluation of ISO8200BQ IC functionality.
Table 1: ISO8200BQ access modes
Access mode
Configuration
Direct access
connect the center pin of J4 to GND
Synchronous access
connect the center pin of jumper J4 to 3.3 V
Once the selection is configured, push the blue user button on the STM32 Nucleo
development board to begin evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com