Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9671EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 26Page - Analog Devices AD9671EBZ Datasheet HTML 27Page - Analog Devices AD9671EBZ Datasheet HTML 28Page - Analog Devices AD9671EBZ Datasheet HTML 29Page - Analog Devices AD9671EBZ Datasheet HTML 30Page - Analog Devices AD9671EBZ Datasheet HTML 31Page - Analog Devices AD9671EBZ Datasheet HTML 32Page - Analog Devices AD9671EBZ Datasheet HTML 33Page - Analog Devices AD9671EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 29 of 60
drive the STBY pin from a 3.3 V logic level, insert a 1 kΩ
resistor in series with this pin to limit the current.
In power-down mode, low power dissipation is achieved by
shutting down the reference, reference buffer, PLL, and biasing
networks. The decoupling capacitors on VREF are discharged
when entering power-down mode and must be recharged when
returning to normal operation. As a result, the wake-up time is
related to the time spent in power-down mode: shorter cycles
result in proportionally shorter wake-up times. To restore the
device to full operation, approximately 375 μs is required when
using the recommended 1 μF and 0.1 μF decoupling capacitors
on the VREF pin and the 0.01 μF decoupling capacitors on the
GAIN± pins. Most of this time is dependent on gain decoupling;
higher value decoupling capacitors on the GAIN± pins result in
longer wake-up times.
A number of other power-down options are available when using
the SPI port interface. The user can individually power down
each channel or place the entire device into standby mode. When
fast wake-up times are required, standby mode allows the user
to keep the internal PLL powered up. The wake-up time is slightly
dependent on gain. To achieve a 2 μs wake-up time when the
device is in standby mode, apply 0.8 V to the GAIN± pins.
Power and Ground Connection Recommendations
When connecting power to the AD9671, use two separate 1.8 V
supplies: one for analog (AVDD1) and one for digital (DRVDD).
If only one 1.8 V supply is available, route it to the AVDD1 pin
first and then tap it off and isolate it with a ferrite bead or a
filter choke preceded by decoupling capacitors for the DRVDD
pin.
If the user does not use the digital demodulator/decimator
functions for post ADC processing, the DVDD pin can be tied
to the 1.8 V DRVDD supply. When this is done, route the DVDD
supply first, tap it off, and isolate it with a ferrite bead or filter
choke preceded by decoupling capacitors for the DRVDD pin. It
is not recommended to use the same supply for AVDD1, DVDD,
and DRVDD.
For both high and low frequencies, use several decoupling
capacitors on all supplies. Place these capacitors near the point
of entry at the PCB level and near the device, with minimal trace
lengths.
When using the AD9671, a single PCB ground plane is sufficient.
With proper decoupling and smart partitioning of the analog,
digital, and clock sections of the PCB, optimum performance
can be easily achieved.
Advanced Power Control
For an ultrasound system, not all channels are needed during all
scanning periods. The POWER_START and POWER_STOP
values in the vector profile can be used to delay the channel
startup and turn the channel off after a certain number of samples.
These counters are relative to TX_TRIG±. The analog circuitry
needs to power up before the digital one and the advance time
(POWER_SETUP) for powering up the analog circuitry, before
POWER_START, is set up in Address 0x112 (see Table 33).
TX_TRIG±
POWER_STOP
(PROFILE SPECIFIC)
POWER_START
(PROFILE SPECIFIC)
POWER_SETUP
(SPI SET)
DIGITAL
POWER
ANALOG
POWER
Figure 44. Power Sequencing
DIGITAL OUTPUTS AND TIMING
JESD204B Transmit Top Level Description
The AD9671 digital output complies with the JEDEC Standard
JESD204B, Serial Interface for Data Converters. JESD204B is a
protocol to link the AD9671 to a digital processing device over
a serial interface up to 5 Gbps link speeds. The benefits of the
JESD204B interface include a reduction in required board area
for data interface routing, and enables smaller packages for
converter and logic devices. The AD9671 supports single, dual,
or quad lane interfaces.
JESD204B Overview
The JESD204B data transmit block, as shown in Figure 45,
assembles the parallel channel data from the ADC or digital
processing block into frames and uses 8B/10B encoding as
well as optional scrambling to form serial output data. Lane
synchronization is supported through the use of special
characters during the initial establishment of the link, and
additional synchronization is embedded in the data stream
thereafter. A matching external receiver is required to lock onto
the serial data stream and recover the data and clock. For
additional details on the JESD204B interface, users are
encouraged to refer to the JESD204B standard.
The AD9671 JESD204B transmit block maps the eight channel
outputs over a link. A link can be configured to use either
single, dual, or quad serial differential outputs, which are called
lanes. The JESD204B specification refers to a number of
parameters to define the link, and these parameters must match
between the JESD204B transmitter (AD9671 output) and
receiver.
The JESD204B link is described according to the parameters
listed in Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com