Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9671EBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 53Page - Analog Devices AD9671EBZ Datasheet HTML 54Page - Analog Devices AD9671EBZ Datasheet HTML 55Page - Analog Devices AD9671EBZ Datasheet HTML 56Page - Analog Devices AD9671EBZ Datasheet HTML 57Page - Analog Devices AD9671EBZ Datasheet HTML 58Page - Analog Devices AD9671EBZ Datasheet HTML 59Page - Analog Devices AD9671EBZ Datasheet HTML 60Page - Analog Devices AD9671EBZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 56 of 60
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x151
JTX_F_CFG
X
X
X
Number of octets per frame (F)
F = (M × 2)/(L)
0 0000 = reserved
…
0 0011 = 4 octets ( M = 8, L = 4, default)
0 0100 = reserved
…
0 0111 = 8 octets (M = 8, L = 2) or (M = 16, L = 4)
0 1000 = reserved
…
0 1111 = 16 octets (M = 8, L = 1) or (M = 16, L = 2)
1 0000 = reserved
…
1 1111 = 32 octets (M = 16, L = 1)
0x03
JESD204B
number of
octets per
frame (read
only, global).
0x152
JTX_K_CFG
X
X
X
Number of frames per multiframe (K)
0 0000 = 1
0 0001 = 2
…
1 1111 = 32 (default)
0x0F
JESD204B
frames per
multiframe
(global).
0x153
JTX_M_
CFG
X
X
X
X
Number of converters per link
0000 = reserved
…
0111 = 8 channels, real data (M = 8)
1000 = reserved
…
1111 = 8 channels, quadrature data (M = 16)
0x07
JESD204B
number of
converter per
link (read only,
global).
0x154
JTX_CS_N_
CFG
X
Control
bits per
sample
0 = none
(CS = 0,
default,
read only)
X
0
Output resolution (N)
0000 = reserved
…
1011 = 12 bits
1100 = reserved
1101 = 14 bits
1110 = reserved
1111 = 16 bits (default)
0x0F
JESD204B
serializer
number of bits
per channel
(global).
0x155
JTX_SCV_
NP_CFG
0
0
0
0
Bits per output sample (N’)
0000 = reserved
…
1110 = reserved
1111 = 16 (default)
0x0F
JESD204B
number of bits
per samples
(global, read
only).
0x156
JTX_JV_S_
CFG
X
X
Number of
clocks
SYNCINB
signal
must be
low for
synchro-
nization to
begin
0 = 2
frame
clock
cycles
1 = 4
frame
clock
cycles
(default)
0
0
0
0
Samples per
channel per
frame (S)
0 = 1
sample
(default,
read only)
1 = 2
samples
0x20
Number of
clocks SYNCINB
signal must be
low for synch-
ronization to
begin (global).
0x157
JTX_HD_
CF_CFG
0
0
0
Control words per frame clock per link
0 0000 = 0 (default)
0 0001 = reserved
…
1 1111 = reserved
0x00
JESD204B
control words
per frame
(global, read
only).
0x158
JTX_RES1_
CFG
0
0
0
0
0
0
0
0
0x00
Reserved.
0x159
JTX_RES2_
CFG
0
0
0
0
0
0
0
0
0x00
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com