Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9671EBZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 52Page - Analog Devices AD9671EBZ Datasheet HTML 53Page - Analog Devices AD9671EBZ Datasheet HTML 54Page - Analog Devices AD9671EBZ Datasheet HTML 55Page - Analog Devices AD9671EBZ Datasheet HTML 56Page - Analog Devices AD9671EBZ Datasheet HTML 57Page - Analog Devices AD9671EBZ Datasheet HTML 58Page - Analog Devices AD9671EBZ Datasheet HTML 59Page - Analog Devices AD9671EBZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 55 of 60
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x143
JTX_LINK_
CTRL2
 
SYNCINB
signal
polarity
0 = not
inverted
(default)
1 =
inverted
0
0
8B/10B
encoder
0 = enable
(default)
1 = bypass
(test mode
only)
10B
transmit
bit invert
0 = not
inverted
(default)
1 =
inverted
SERD-
OUTx±
10B
transmit bit
mirror
0 = not
mirrored
(default)
1 =
mirrored
0x00
JESD204B
configuration
(global).
0x144
JTX_LINK_
CTRL3
Checksum
enable
0 = enable
(default)
1 = disable
Checksum
algorithm
0 = add
parameter
(default)
1 = add
packed
octets
JESD204B test pattern
input selection
00 = reserved (default)
01 = 10-bit test data
injected at output of
8B/10B encoder
10 = 8-bit test data
injected at input of
scrambler
11 = reserved
JESD204B test mode selection
0000 = off (default)
0001 = alternating checkerboard
0010 = 1-/0-word toggle
0011 = PN sequence long
0100 = PN sequence short
0101 = continuous/repeat user test pattern
0110 = single user test pattern
0111 = ramp output
1000 = modified RPAT sequence
1001 = reserved
…
1111 = reserved
0x00
JESD204B test
mode and
checksum
controls
(global).
0x145
JTX_LINK_
CTRL4
Initial lane alignment sequence repeat count
0000 0000 = 4 × K + 1 (default)
0000 0001 = 4 × K + 2
…
1111 1111 = 4 × K + 128
0x00
JESD204B ILAS
repeat count
(global).
0x146
JTX_DID_
CFG
JESD204B serial device identification (DID) number
0x00
Global.
0x147
JTX_BID_
CFG
X
X
X
X
JESD204B serial bank identification (BID) number
(extension to DID)
0x00
Global.
0x148
JTX_LID0_
CFG
X
X
X
Serial lane identification (LID) number for Lane 1
0x00
Global.
0x149
JTX_LID1_
CFG
X
X
X
Serial lane identification (LID) number for Lane 2
0x01
Global.
0x14A JTX_LID2_
CFG
X
X
X
Serial lane identification (LID) number for Lane 3
0x02
Global.
0x14B
JTX_LID3_
CFG
X
X
X
Serial lane identification (LID) number for Lane 4
0x03
Global.
0x14C
RESERVED_
14C
0
0
0
0
0
0
0
0
0x00
Reserved.
0x14D
RESERVED_
14D
0
0
0
0
0
0
0
0
0x00
Reserved.
0x14E
RESERVED_
14E
0
0
0
0
0
0
0
0
0x00
Reserved.
0x14F
RESERVED_
14F
0
0
0
0
0
0
0
0
0x00
Reserved.
0x150
JTX_SCR_
L_CFG
JESD204B
serial
scrambler
mode
0 =
disabled
1 =
enabled
(default)
X
X
X
X
X
Lanes per link
00 = one lane (L = 1)
01 = two lanes (L = 2)
10 = reserved
11 = four lanes (L = 4)
(default)
0x83
JESD204B
scrambler and
lane
configuration
(global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com