Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9670EBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 27Page - Analog Devices AD9670EBZ Datasheet HTML 28Page - Analog Devices AD9670EBZ Datasheet HTML 29Page - Analog Devices AD9670EBZ Datasheet HTML 30Page - Analog Devices AD9670EBZ Datasheet HTML 31Page - Analog Devices AD9670EBZ Datasheet HTML 32Page - Analog Devices AD9670EBZ Datasheet HTML 33Page - Analog Devices AD9670EBZ Datasheet HTML 34Page - Analog Devices AD9670EBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 30 of 47
Data is clocked out of the AD9674 and must be captured on the
rising and falling edges of DCO±, which support double data
rate (DDR) capturing. The frame clock outputs (FCO±) signal
the start of a new output byte and are equal to the sampling
clock rate.
A 12-, 14-, or 16-bit serial stream can also be initiated from
Address 0x021, Bits[1:0]. The user can implement different serial
streams and test device compatibility with lower and higher
resolution systems using these modes.
When using the SPI, all the data outputs can also invert from
their nominal state by setting Bit 2 in the output mode register
(Address 0x014). This feature is not to be confused with inverting
the serial stream to an LSB first mode. In default mode, as shown in
Figure 2, the MSB is represented first in the data output serial
stream. However, using Address 0x000, Bit 6, this order can be
inverted so that the LSB is represented first in the data output serial
stream.
Digital Output Test Patterns
Nine digital output test pattern options can be initiated through the
SPI using Address 0x0D. These options are useful when validating
receiver capture and timing. See Table 16 for the output test
mode bit sequencing options. Some test patterns have two serial
sequential words and can be alternated in various ways depending
on the test pattern chosen. Note that some patterns may not
adhere to the data format select option. In addition, custom
user defined test patterns can be assigned in the user pattern
registers (Address 0x019 through Address 0x020). All test mode
options except the pseudonoise (PN) sequence short and PN
sequence long can support 8- to 14-bit word lengths to verify
data capture to the receiver.
The PN sequence short pattern produces a pseudorandom bit
sequence that repeats itself every 29 − 1 bits, or 511 bits. A
description of the PN sequence short pattern and how it is
generated can be found in Section 5.1 of the ITU-T O.150 (05/96)
standard. However, the PN sequence long pattern differs from
the ITU-T O.150 (05/96) standard because it begins with a specific
value instead of 1s (see Table 15 for the initial values).
The PN sequence long pattern produces a pseudorandom bit
sequence that repeats itself every 223 − 1 bits, or 8,388,607 bits.
A description of the PN sequence long pattern and how it is
generated can be found in Section 5.6 of the ITU-T O.150 (05/96)
standard. The PN sequence long pattern differs from the standard,
however, because the starting value of the pattern is a specific
value rather than a value of only 1s and the AD9674 inverts the
bit stream (see Table 15 for the initial values). The output sample
size depends on the selected bit length.
Table 15. PN Sequence Initial Values
Sequence
Initial
Value
First Three Output Samples
(MSB First, 16-Bit)
PN Sequence Short
0x092
0x496F, 0xC9A9, 0x980C
PN Sequence Long
0x003
0xFF5C, 0x0029, 0xB80A
See the Memory Map section for information on how to change
these additional digital output timing features through the SPI.
SDIO Pin
The SDIO pin is required to operate the SPI. The pin has an
internal 30 kΩ pull-down resistor that pulls this pin low and is only
1.8 V tolerant. If applications require that this pin be driven
from a 3.3 V logic level, insert a 1 kΩ resistor in series with this
pin to limit the current.
SCLK Pin
The SCLK pin is required to operate the SPI. The pin has an
internal 30 kΩ pull-down resistor that pulls this pin low and is
only 1.8 V tolerant. To drive the SCLK pin from a 3.3 V logic
level, insert a 1 kΩ resistor in series with this pin to limit the
current.
CSB Pin
The CSB pin is required to operate the SPI. The pin has an
internal 70 kΩ pull-up resistor that pulls this pin high and is
only 1.8 V tolerant. To drive the CSB pin from a 3.3 V logic
level, insert a 1 kΩ resistor in series with this pin to limit the
current.
RBIAS Pin
To set the internal core bias current of the ADC, place a resistor
nominally equal to 10.0 kΩ to ground at the RBIAS pin. Using a
resistor other than the recommended 10.0 kΩ resistor for RBIAS
degrades the performance of the device. Therefore, it is imperative
that at least a 1% tolerance on this resistor be used to achieve
consistent performance.
VREF Pin
A stable and accurate 0.5 V voltage reference is built into the
AD9674. This voltage reference is gained up internally by a factor
of 2, setting VREF to 1.0 V, which results in a full-scale differential
input span of 2.0 V p-p for the ADC. VREF is set internally by
default, but the VREF pin can be driven externally with a 1.0 V
reference to achieve more accuracy. However, the AD9674 does
not support ADC full-scale ranges less than 2.0 V p-p.
When applying the decoupling capacitors to the VREF pin, use
ceramic, low equivalent series resistance (ESR) capacitors. Ensure
that these capacitors are close to the reference pin and on the same
layer of the PCB as the AD9674. The VREF pin must have both
a 0.1 µF capacitor and a 1 µF capacitor that are connected in
parallel to the analog ground. These capacitor values are recom-
mended for the ADC to properly settle and acquire the next valid
sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com